Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L3458-03 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # L3458-03
Description  4-pin plastic package, infrared LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L3458-03 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  L3458-03 Datasheet HTML 1Page - Hamamatsu Corporation L3458-03 Datasheet HTML 2Page - Hamamatsu Corporation L3458-03 Datasheet HTML 3Page - Hamamatsu Corporation L3458-03 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
l High radiant output power
l High reliability
l Long life
Applications
l Optical switches
l Automatic control systems
LED
Infrared LED
4-pin plastic package, infrared LED
L2204/L2402/L3458 series
s
Absolute maximum ratings (Ta=25 °C)
Parameter
Symbol
Condition
Value
Unit
Forward current
IF
65
mA
Reverse voltage
VR
5
V
Pulse forward current
IFP
Pulse width=10 µs
Duty ratio=1 %
1.0
A
Operating temperature
Topr
-25 to +85
°C
Storage temperature
Tstg
-30 to +100
°C
s
Electrical and optical characteristics (Ta=25 °C)
L2204/-01/-03
L2402/-01/-02
L3458/-01/-03
Parameter
Symbol
Condition
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
Unit
Peak emission
wavelength
λp
IF=50 mA
920 945 970 870 890 920 870 890 920
nm
Spectral half width
∆λ
IF=50 mA
-
45
-
-
80
-
-
50
-
nm
Forward voltage
VF
IF=50 mA
-
1.30 1.40
-
1.40 1.50
-
1.45 1.60
V
Pulse forward voltage
VFP
IF=1 A
-
2.3
2.6
-
2.8
3.4
-
3.4
4.0
V
Reverse current
IR
VR=5 V
-
-
5
-
-
5
-
-
5
µA
Radiant flux
φe
IF=50 mA
4.0
6.0
-
7.0
9.0
-
9.0 13.0
-
mW
Radiant illuminance
PE
IF=50 mA
-0.5
-
-
0.8
-
-1.0
-
mW/cm2
Rise time
tr
IF=50 mA, 10 to 90 %
-
1.2
2.0
-
0.45 0.7
-
0.45 0.7
µs
Fall time
tf
IF=50 mA, 90 to 10 %
-
1.3
2.0
-
0.45 0.7
-
0.45 0.7
µs


Similar Part No. - L3458-03

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L3458-03 HAMAMATSU-L3458-03 Datasheet
117Kb / 4P
   4-pin plastic package, infrared LED
More results

Similar Description - L3458-03

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L2204 HAMAMATSU-L2204_05 Datasheet
117Kb / 4P
   4-pin plastic package, infrared LED
logo
Everlight Electronics C...
IR25-21C-TR8 EVERLIGHT-IR25-21C-TR8_15 Datasheet
209Kb / 10P
   Reverse Package Infrared LED
EAIST3216A4 EVERLIGHT-EAIST3216A4 Datasheet
392Kb / 9P
   Reverse Package Infrared LED
HIR83-01B-TR8 EVERLIGHT-HIR83-01B-TR8_15 Datasheet
1Mb / 9P
   1.6횞0.8mm Package Infrared LED
IR19-315C-TR8 EVERLIGHT-IR19-315C-TR8_15 Datasheet
320Kb / 9P
   0603 Package Infrared LED
IR25-21C-TR8 EVERLIGHT-IR25-21C-TR8 Datasheet
204Kb / 10P
   Reverse Package Infrared LED
HIR83-01B-TR8 EVERLIGHT-HIR83-01B-TR8 Datasheet
248Kb / 9P
   1.6횞0.8mm Package Infrared LED
IR19-315C-TR8 EVERLIGHT-IR19-315C-TR8 Datasheet
184Kb / 9P
   0603 Package Infrared LED
EAIST1708A1 EVERLIGHT-EAIST1708A1 Datasheet
590Kb / 9P
   0603 Package Infrared LED
EAIST2012A1 EVERLIGHT-EAIST2012A1 Datasheet
434Kb / 9P
   0805 Package Infrared LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com