Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2004-RBK Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 2004-RBK
Description  1.57mm Diameter Standard .062 Pin and Socket Receptacle Housing, Dual row, with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits, Black
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

2004-RBK Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  2004-RBK Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/03/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
03-06-6043
Status:
Active
Overview:
Standard .062" Pin and Socket Power Connectors
Description:
1.57mm Diameter Standard .062" Pin and Socket Receptacle Housing, Dual row, with
Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits, Black
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
2004
Application
Power, Wire-to-Wire
Overview
Standard .062" Pin and Socket Power Connectors
Product Name
Standard .062"
UPC
800754942232
Physical
Circuits (maximum)
4
Circuits Detail
(2 x 2)
Color - Resin
Natural
Flammability
94V-2
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
1.241/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface
3.68mm
Pitch - Termination Interface
3.68mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
5A
Material Info
Old Part Number
2004-RBK
Reference - Drawing Numbers
Sales Drawing
SD-2004-*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
2004Series
Mates With
03-06-2044 , 03-06-7044
Use With
1560 Male Crimp Terminals, 1561 Female
Crimp Terminals, 4559 , 4529 , 2190 ,
2189 , 1787 Female Crimp Terminals, 1786
Male Crimp Terminals, 1854 Male Crimp
Terminals, 1855 Female Crimp Terminals,
1778 Male PC Tail
This document was generated on 10/03/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 2004-RBK

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2004-RBK MOLEX1-2004-RBK Datasheet
133Kb / 3P
   1.57mm (.062") Diameter Standard .062 Pin and Socket Receptacle Housing, Dual row,with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits, Black
More results

Similar Description - 2004-RBK

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0003061043 MOLEX1-0003061043 Datasheet
125Kb / 3P
   1.57mm (.062") Diameter Standard .062 Pin and Socket Receptacle Housing, Dual row, with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits
0003066043 MOLEX1-0003066043 Datasheet
133Kb / 3P
   1.57mm (.062") Diameter Standard .062 Pin and Socket Receptacle Housing, Dual row,with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits, Black
03-06-1043 MOLEX11-03-06-1043 Datasheet
44Kb / 1P
   1.57mm Diameter Standard .062 Pin and Socket Receptacle Housing, Dual row, with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits
0003061044 MOLEX1-0003061044 Datasheet
125Kb / 3P
   1.57mm (.062") Diameter Standard .062 Pin and Socket Receptacle Housing, Dual row, without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits
0003062043 MOLEX1-0003062043 Datasheet
136Kb / 3P
   1.57mm (.062") Diameter Standard .062 Pin and Socket Plug Housing, Dual row, with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits
03-06-1044 MOLEX11-03-06-1044 Datasheet
45Kb / 1P
   1.57mm Diameter Standard .062 Pin and Socket Receptacle Housing, Dual row, without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits
03-06-2043 MOLEX11-03-06-2043 Datasheet
44Kb / 1P
   1.57mm Diameter Standard .062 Pin and Socket Plug Housing, Dual row, with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits
0003062044 MOLEX1-0003062044 Datasheet
136Kb / 3P
   1.57mm (.062") Diameter Standard .062 Pin and Socket Plug Housing, Dual Row, without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits
0003067044 MOLEX1-0003067044 Datasheet
135Kb / 3P
   1.57mm (.062") Diameter Standard .062 Pin and Socket Plug Housing, Dual Row,without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits, Black
03-06-2044 MOLEX11-03-06-2044 Datasheet
44Kb / 1P
   1.57mm Diameter Standard .062 Pin and Socket Plug Housing, Dual Row, without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com