Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15CT16A Datasheet(PDF) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # 15CT16A
Description  TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

15CT16A Datasheet(HTML) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  15CT16A Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. 15CT16A Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. 15CT16A Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd. 15CT16A Datasheet HTML 4Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Test
Current
Stand-
off
Voltage
UNI
BI
Min
Max
IT (mA)VWM (V)
GFM
BFM
36.70
40.60
1.0
33.0
GFN
BFN
40.00
48.90
1.0
36.0
GFP
BFP
40.00
44.20
1.0
36.0
GFQ
BFQ
44.40
54.30
1.0
40.0
GFR
BFR
44.40
49.10
1.0
40.0
GFS
BFS
47.80
58.40
1.0
43.0
GFT
BFT
47.80
52.80
1.0
43.0
GFU
BFU
50.00
61.10
1.0
45.0
GFV
BFV
50.00
55.3
1.0
45.0
GFW
BFW
53.30
65.10
1.0
48.0
GFX
BFX
53.30
58.9
1.0
48.0
GFY
BFY
56.70
69.30
1.0
51.0
GFZ
BFZ
56.70
62.7
1.0
51.0
GGD
BGD
60.00
73.3
1.0
54.0
GGE
BGE
60.0
66.3
1.0
54.0
GGF
BGF
64.4
78.7
1.0
58.0
GGG
BGG
64.4
71.2
1.0
58
GGH
BGH
66.7
81.5
1.0
60
GGK
BGK
66.7
73.7
1.0
60
GGL
BGL
71.1
86.9
1.0
64
GGM
BGM
71.1
78.6
1.0
64
GGN
BGN
77.8
95.1
1.0
70
GGP
BGP
77.8
86.0
1.0
70
GGQ
BGQ
83.3
102.0
1.0
75
GGR
BGR
83.3
92.1
1.0
75
GGS
BGS
86.7
106.0
1.0
78
GGT
BGT
86.7
95.8
1.0
78
GGU
BGU
94.4
115.0
1.0
85
GGV
BGV
94.4
104.0
1.0
85
GGW
BGW
100.0
122.0
1.0
90
GGX
BGX
100.0
111.0
1.0
90
GGY
BGY
111.0
136.0
1.0
100
GGZ
BGZ
111.0
123.0
1.0
100
GHD
BHD
122.0
149.0
1.0
110
GHE
BHE
122.0
135.0
1.0
110
GHF
BHF
133.0
163.0
1.0
120
GHG
BHG
133.0
147.0
1.0
120
GHH
BHH
144.0
176.0
1.0
130
GHK
BHK
144.0
159.0
1.0
130
GHL
BHL
167.0
204.0
1.0
150
GHM
BHM
167.0
185.0
1.0
150
GHN
BHN
178.0
218.0
1.0
160
GHP
BHP
178.0
197.0
1.0
160
GHQ
BHQ
189.0
231.0
1.0
170
GHR
BHR
189.0
209.0
1.0
170
GHS
BHS
209.0
255.0
1.0
188
GHT
BHT
209.0
231.0
1.0
188
Notes: (1) Pulse test : Tp ≦ 50ms
(2) Surge current waveform Per Fig. 3 and derate Per Fig. 2
(3) Ratings at 25
°C ambient temperature unless otherwise specified.
TRR
Industry No.
TRR
House No.
Marking Code
Breakdown
Voltage at IT
(1)
V(BR) (V)
Maximum
Reverse
Leakage
at VWM
Maximum
Peak Pulse
Surge
Current
(2)
Maximum
Clamping
Voltage
at IPPM
ID (µA)
IPPM (A)
VC (V)
SMCJ33A
15CT33A
1
28.1
53.3
64.3
SMCJ36A
15CT36A
1
25.8
58.1
SMCJ36
15CT36
1
23.3
71.4
SMCJ40A
15CT40A
1
23.3
64.5
SMCJ40
15CT40
1
21.0
76.7
SMCJ43A
15CT43A
1
21.6
69.4
SMCJ43
15CT43
1
19.6
80.3
SMCJ45A
15CT45A
1
20.6
72.7
SMCJ45
15CT45
1
18.7
85.5
SMCJ48A
15CT48A
1
19.4
77.4
SMCJ48
15CT48
1
17.5
91.1
SMCJ51A
15CT51A
1
18.2
82.4
SMCJ51
15CT51
1
16.5
96.3
SMCJ54A
15CT54A
1.0
17.2
87.1
SMCJ54
15CT54
1
15.6
103.0
SMCJ58A
15CT58A
1.0
16.0
93.6
SMCJ58
15CT58
1.0
14.6
107.0
SMCJ60A
15CT60A
1.0
15.5
96.8
SMCJ60
15CT60
1.0
14.0
114.0
SMCJ64A
15CT64A
1.0
14.6
103.0
SMCJ64
15CT64
1.0
13.2
125.0
SMCJ70A
15CT70A
1.0
13.3
113.0
SMCJ70
15CT70
1.0
12.0
134.0
SMCJ75A
15CT75A
1.0
12.4
121.0
SMCJ75
15CT75
1.0
11.2
139.0
SMCJ78A
15CT78A
1.0
11.9
126.0
SMCJ78
15CT78
1.0
10.8
151.0
SMCJ85A
15CT85A
1.0
10.9
137.0
SMCJ85
15CT85
1.0
9.9
160.0
SMCJ90A
15CT90A
1.0
10.3
146.0
SMCJ90
15CT90
1.0
9.4
179.0
SMCJ100A
15CT100A
1.0
9.3
162.0
SMCJ100
15CT100
1.0
8.4
196.0
SMCJ110A
15CT110A
1.0
8.5
177.0
SMCJ110
15CT110
1.0
7.7
214.0
SMCJ120A
15CT120A
1.0
7.8
193.0
SMCJ120
15CT120
1.0
7.0
231.0
SMCJ130A
15CT130A
1.0
7.2
209.0
SMCJ130
15CT130
1.0
6.5
268.0
SMCJ150A
15CT150A
1.0
6.2
243.0
SMCJ150
15CT150
1.0
5.6
287.0
SMCJ160A
15CT160A
1.0
5.8
259.0
SMCJ160
15CT160
1.0
5.2
304.0
SMCJ170A
15CT170A
1.0
5.5
275.0
SMCJ170
15CT170
1.0
4.9
344.0
SMCJ188A
15CT188A
1.0
4.6
328.0
SMCJ188
15CT188
1.0
4.4
http://www.trr-jx.com
SMCJ5.0 THRU SMCJ188A
TRANSIENT VOLTAGE SUPPRESSORS


Similar Part No. - 15CT16A

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
15CTA-R ADAM-TECH-15CTA-R Datasheet
70Kb / 1P
   909 Rahway Avenue
15CTAB ADAM-TECH-15CTAB Datasheet
129Kb / 1P
   HEADER & HOUSING SYSTEMS
15CTAR ADAM-TECH-15CTAR Datasheet
129Kb / 1P
   HEADER & HOUSING SYSTEMS
15CTB-R ADAM-TECH-15CTB-R Datasheet
69Kb / 1P
   909 Rahway Avenue
15CTBB ADAM-TECH-15CTBB Datasheet
129Kb / 1P
   HEADER & HOUSING SYSTEMS
More results

Similar Description - 15CT16A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com