Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K3413-02 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # K3413-02
Description  Two-color detector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

K3413-02 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  K3413-02 Datasheet HTML 1Page - Hamamatsu Corporation K3413-02 Datasheet HTML 2Page - Hamamatsu Corporation K3413-02 Datasheet HTML 3Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UV
TO
IR
DETECTOR
Two-color detector
Broad spectral response range from UV through IR
K1713/K3413-01, -02
Features
l Broad spectral response
Suitable for spectrophotometers, flame monitors, etc.
l Noncooled type:
Room temperature operation for easy handling
One-stage thermoelectrically cooled type:
Keeps the detector temperature at a constant level to
make high-precision measurements.
Applications
l Spectrophotometers
l Laser monitors
l Flame monitors
l Radiation thermometers
Accessories (Optional)
l Heatsink for thermoelectrically cooled type
A3179-03
l Temperature controller for thermoelectrically cooled type
C1103-04
l Photosensor amplifier
C2719
l Amplifier for PbS and PbSe detectors
C3757-02
K1713/K3413-01, -02 detectors have a sandwich structure in which an infrared transmitting silicon photodiode is mounted over an infrared
detector element. This structure allows you to design instruments using the same optical path from UV through IR.
I General ratings / Absolute maximum ratings
Absolute maximum ratings
Active
area size
Thermistor
allowable
dissipation
TE-cooler
allowable
current
Reverse
voltage
VR
Operating
temperature
Topr
Storage
temperature
Tstg
Type No.
Dimensional
outline/
Window
material *1
Package
Cooling
Detector
(mm)
(mW)
(A)
(V)
(°C)
(°C)
Si
2.4 × 2.4
5
K1713-01
PbS
1.8 × 1.8
100 *2
Si
2.4 × 2.4
5
K1713-02
➀/S
TO-5
Non-
cooled
PbSe
1.8 × 1.8
--
100 *2
Si
2.4 × 2.4
5
K3413-01
PbS
1.8 × 1.8
100 *2
Si
2.4 × 2.4
5
K3413-02
➁/S
TO-8
One-stage
TE-cooled
PbSe
1.8 × 1.8
0.2
1.5
100 *2
-30 to +50 -55 to +50
I Electrical and optical characteristics (Typ., unless otherwise noted)
Measurement
condition
Element
temperature
T
Peak
sensitivity
wavelength
lp
Photo sensitivity
S
l=lp
Shunt resistance
or
dark resistance
D*
l=lp
Rise time
tr
VR=0 V
RL=1 kW
10 to 90 %
Type No.
Detector
(°C)
(µm)
(A/W)
(MW)
(cm · Hz1/2/W)
(µs)
Si
0.94
0.45
300
1.4 × 1013
0.2 *4
K1713-01
PbS
25
2.2
6 × 104 (V/W)
0.2 to 2
5 × 1010 *3
200 Max. *5
Si
0.94
0.45
300
1.4 × 1013
0.2 *4
K1713-02
PbSe
25
4.0
5 × 102 (V/W)
0.5 to 1.8
5 × 108 *3
3 Max. *5
Si
25
0.94
0.45
300
1.4 × 1013
0.2 *4
K3413-01
PbS
-10
2.4
3 × 105 (V/W)
0.5 to 10
1 × 1011 *3
600 Max. *5
Si
25
0.94
0.45
300
1.4 × 1013
0.2 *4
K3413-02
PbSe
-10
4.1
1.5 × 103 (V/W)
1.5 to 5
1 × 109 *3
5 Max. *5
*1: Window material S: sapphire glass
*2: Maximum supply voltage
*3: Light source 500 K black body
Supply voltage: 15 V
Chopping frequency: 600 Hz,
Load resistance: nearly equal to element dark resistance
Noise bandwidth: 60 Hz
Input energy: 4.8 µW/cm2 (PbSe: 16.7 µW/cm2)
*4: l=655 nm
*5: 0 to 63 %
1


Similar Part No. - K3413-02

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
K3413-02 HAMAMATSU-K3413-02 Datasheet
112Kb / 3P
   Two-color detector
More results

Similar Description - K3413-02

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
K12729-010K HAMAMATSU-K12729-010K_15 Datasheet
613Kb / 5P
   Two-color detector
K3413-05 HAMAMATSU-K3413-05 Datasheet
144Kb / 4P
   Two-color detector
K12728-010K HAMAMATSU-K12728-010K_15 Datasheet
572Kb / 5P
   Two-color detector
K1713-05 HAMAMATSU-K1713-05 Datasheet
131Kb / 4P
   Two-color detector
K1713 HAMAMATSU-K1713_04 Datasheet
112Kb / 3P
   Two-color detector
K11908-010K HAMAMATSU-K11908-010K_15 Datasheet
566Kb / 4P
   Two-color detector
K1713-05 HAMAMATSU-K1713-05_06 Datasheet
102Kb / 4P
   Two-color detector Wide spectral response range from UV to IR
K3413-05 HAMAMATSU-K3413-05_06 Datasheet
108Kb / 4P
   Two-color detector Wide spectral response range from UV to IR
logo
Panasonic Semiconductor
LN086WP38 PANASONIC-LN086WP38 Datasheet
118Kb / 2P
   Two Color Lighting
LN138WP38 PANASONIC-LN138WP38 Datasheet
45Kb / 2P
   Two Color Lighting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com