Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTR04GTH405B103 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MTR04GTH405B103
Description  Muti-Layer Thermistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTR04GTH405B103 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MTR04GTH405B103 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTR04GTH405B103 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTR04GTH405B103 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTR04GTH405B103 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTR04GTH405B103 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTR04GTH405B103 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTR04GTH405B103 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTR04GTH405B103 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTR04GTH405B103 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Muti-Layer Thermistor
(Negative Temperature Coefficient)
Document No
TMTR-XXOS002A
Issued date
2012/10/02
Page
3/10
TA-I TECHNOLOGY CO., LTD
Part
Designation
Zero
Power
Resistanc
e at 25℃
(KΩ)
Tolerance of
Resistance
(±%)
B value
(25-85)
(K)
Tolerance of B
value
(±%)
Max Power
Rated at 25
(mW)
Typical
Dissipation
Constant
(mW/℃)
Operation
Temperature
range
(℃)
MTR06T295B102
1
1、2、3、5
2950
1、3
350 mW
Approx.
3.5
mW/℃
-40~125
MTR06T415B202
2
3、5
4150
3
MTR06T330B332
3.3
3、5
3300
1、3
MTR06T334B472
4.7
1、2、3、5
3340
1、3
MTR06T334B502
5
1、2、3、5
3340
1、3
MTR06T344B682
6.8
2、3、5
3435
1、3
MTR06T344B103
10
1、2、3、5
3435
1、3
MTR06T355B103
10
1、2、3、5
3550
1、3
MTR06T397B103
10
1、2、3、5
3970
1、3
MTR06T410B103
10
2、3、5
4100
2、3、5
MTR06T390B223
22
3、5
3900
1、3
MTR06T395B473
47
2、3、5
3950
1、3
MTR06T405B473
47
2、3、5
4050
3
MTR06T405B503
50
2、3、5
4050
1、3
MTR06T415B683
68
2、3、5
4150
1、3
MTR06T395B104
100
3、5
3950
1、3
MTR06T405B104
100
2、3、5
4050
3
MTR06T440B104
100
2、3、5
4400
3
MTR06T405B204
200
3、5
4055
1、3
MTR06T405B224
220
3、5
4055
1、3
MTR06T405B474
470
2、3、5
4050
3
MTR06T410B564
560
3、5
4100
1、3


Similar Part No. - MTR04GTH405B103

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MTR MERITEK-MTR Datasheet
284Kb / 8P
   Power Resistors
logo
Vishay Siliconix
MTR VISHAY-MTR Datasheet
92Kb / 3P
   Wire Bondable Thin Film Multi-Tap Resistor Arrays
Revision: 18-Apr-13
logo
Heyco.
MTR HEYCO-MTR Datasheet
157Kb / 1P
   Unscrewing Snap Rivets
logo
MERITEK ELECTRONICS COR...
MTR100DBD0100-H MERITEK-MTR100DBD0100-H Datasheet
284Kb / 8P
   Power Resistors
MTR100DBD1001-H MERITEK-MTR100DBD1001-H Datasheet
284Kb / 8P
   Power Resistors
More results

Similar Description - MTR04GTH405B103

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
NTC LEIDITECH-NTC Datasheet
992Kb / 4P
   Thermistor
logo
Vincotech
80-M2122PA200SC-K709F40 VINCOTECH-80-M2122PA200SC-K709F40 Datasheet
591Kb / 6P
   Integrated thermistor
logo
Murata Manufacturing Co...
NXRS15WF104FA5B MURATA-NXRS15WF104FA5B Datasheet
214Kb / 3P
   NXR Thermistor
NXRS15XM202EA1B MURATA-NXRS15XM202EA1B Datasheet
212Kb / 3P
   NXR Thermistor
NXRT15WB473FA5B MURATA-NXRT15WB473FA5B Datasheet
206Kb / 3P
   NXR Thermistor
NXRS15XH103FA5B MURATA-NXRS15XH103FA5B Datasheet
210Kb / 3P
   NXR Thermistor
NXRS15XM202EA3A016 MURATA-NXRS15XM202EA3A016_17 Datasheet
214Kb / 3P
   NXR Thermistor
NXRS15XV302FA5B MURATA-NXRS15XV302FA5B Datasheet
203Kb / 3P
   NXR Thermistor
logo
Chenmko Enterprise Co. ...
CHT857BPT CHENMKO-CHT857BPT Datasheet
127Kb / 4P
   PNP Muti-Chip General Purpose Amplifier
logo
Murata Manufacturing Co...
NXRS15WB333JA5B MURATA-NXRS15WB333JA5B Datasheet
215Kb / 3P
   NXR Thermistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com