Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K1713-09 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # K1713-09
Description  Two-color detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

K1713-09 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  K1713-09 Datasheet HTML 1Page - Hamamatsu Corporation K1713-09 Datasheet HTML 2Page - Hamamatsu Corporation K1713-09 Datasheet HTML 3Page - Hamamatsu Corporation K1713-09 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Two-color detector
K1713-05/-08/-09
WAVELENGTH (µm)
(Typ. Ta=25 ˚C)
0.3
0.2
0.1
0.7
0.6
0.5
0.4
0.2
0
1.2
0.4
0.6
0.8
1.0
KIRDB0199EA
(Typ. Ta=25 ˚C)
WAVELENGTH (µm)
0.8
0
2.8
2.0
2.2
2.4
2.6
1.0
1.2
1.4
1.6
1.8
0.2
0.1
0.7
0.6
0.5
0.4
0.3
K1713-08
K1713-05/-09
KIRDB0211EA
REVERSE VOLTAGE (V)
0.01
10 pA
10
0.1
1
100 pA
1 nA
(Typ. Ta=25 ˚C)
KIRDB0200EA
1
µA
10
µA
0.01
0.1
1
10
100
REVERSE VOLTAGE (V)
100 nA
1 nA
100 pA
10 nA
100
µA
(Typ. Ta=25
˚C)
K1713-08
K1713-05
K1713-09
KIRDB0201EA
s Spectral response
Si photodiode
s Dark current vs. reverse voltage
InGaAs PIN photodiode
Si photodiode
InGaAs PIN photodiode
2


Similar Part No. - K1713-09

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
K1713-09 HAMAMATSU-K1713-09 Datasheet
102Kb / 4P
   Two-color detector Wide spectral response range from UV to IR
More results

Similar Description - K1713-09

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
K12729-010K HAMAMATSU-K12729-010K_15 Datasheet
613Kb / 5P
   Two-color detector
K1713 HAMAMATSU-K1713 Datasheet
146Kb / 3P
   Two-color detector
K3413-05 HAMAMATSU-K3413-05 Datasheet
144Kb / 4P
   Two-color detector
K12728-010K HAMAMATSU-K12728-010K_15 Datasheet
572Kb / 5P
   Two-color detector
K1713 HAMAMATSU-K1713_04 Datasheet
112Kb / 3P
   Two-color detector
K11908-010K HAMAMATSU-K11908-010K_15 Datasheet
566Kb / 4P
   Two-color detector
K1713-05 HAMAMATSU-K1713-05_06 Datasheet
102Kb / 4P
   Two-color detector Wide spectral response range from UV to IR
K3413-05 HAMAMATSU-K3413-05_06 Datasheet
108Kb / 4P
   Two-color detector Wide spectral response range from UV to IR
logo
Panasonic Semiconductor
LN086WP38 PANASONIC-LN086WP38 Datasheet
118Kb / 2P
   Two Color Lighting
LN138WP38 PANASONIC-LN138WP38 Datasheet
45Kb / 2P
   Two Color Lighting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com