Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03-06-2055 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 03-06-2055
Description  1.57mm Diameter Standard .062 Pin and Socket Plug Housing, 5 Circuits, without Mounting Ears
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

03-06-2055 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  03-06-2055 Datasheet HTML 1Page - Molex Electronics Ltd. 03-06-2055 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 09/02/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
03-06-2055
Status:
Active
Overview:
Standard .062" Pin and Socket Power Connectors
Description:
1.57mm Diameter Standard .062" Pin and Socket Plug Housing, 5 Circuits, without
Mounting Ears
Documents:
3D Model
Packaging Specification PK-1625-003 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-02-06 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
1625
Application
Power, Wire-to-Wire
Comments
Polarized to Mating Part
Overview
Standard .062" Pin and Socket Power Connectors
Product Name
Standard .062"
UPC
800753748200
Physical
Breakaway
No
Circuits (maximum)
5
Circuits Detail
1x5
Color - Resin
Natural
Flammability
94V-2
Gender
Plug
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
1.486/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
3.68mm
Pitch - Termination Interface
3.68mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
5A
Material Info
Old Part Number
1625-5P1
Reference - Drawing Numbers
Packaging Specification
PK-1625-003
Product Specification
PS-02-06
Sales Drawing
SD-1625-5*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
1625Series
Mates With
03-06-1055 , 03-06-1056
Use With
Female Crimp Terminals 1561 , 4559 , 4529
, 2190 , 2189 , 1787 , 1855 . Male Crimp
Terminals 1560 , 1786 , 1854. 1778 Male
PC Tail Terminals. 1779 Female PC Tail
Terminals


Similar Part No. - 03-06-2055

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
03-06-2055 MOLEX11-03-06-2055 Datasheet
88Kb / 2P
   .062/(1.57) HOUSINGS PLUG & RECEPTACLE 5 CIRCUIT, . 145 / (3.68)
03-06-2055-V MOLEX11-03-06-2055-V Datasheet
88Kb / 2P
   .062/(1.57) HOUSINGS PLUG & RECEPTACLE 5 CIRCUIT, . 145 / (3.68)
More results

Similar Description - 03-06-2055

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0003062061 MOLEX1-0003062061 Datasheet
181Kb / 4P
   1.57mm (.062") Diameter Standard .062 Pin and Socket Plug Housing, 6 Circuits, Without Mounting Ears
0039033155 MOLEX3-0039033155 Datasheet
101Kb / 3P
   1.57mm (.062") Diameter Standard .062" Pin and Socket Plug Housing, 15 Circuits, Without Mounting Ears
0039032067 MOLEX3-0039032067 Datasheet
96Kb / 3P
   1.57mm (.062") Diameter Standard .062" Pin and Socket Plug Housing, 6 Circuits, Without Mounting Ears
0003062032 MOLEX1-0003062032 Datasheet
204Kb / 4P
   1.57mm (.062") Diameter Standard .062 Pin and Socket Plug Housing, 3 Circuits, Without Mounting Ears
0003062042 MOLEX1-0003062042 Datasheet
208Kb / 4P
   1.57mm (.062") Diameter Standard .062 Pin and Socket Plug Housing, 4 Circuits, Without Mounting Ears
0003062023 MOLEX1-0003062023 Datasheet
237Kb / 5P
   1.57mm (.062") Diameter Standard .062 Pin and Socket Plug Housing, 2 Circuits,Without Mounting Ears
0003062092 MOLEX1-0003062092 Datasheet
190Kb / 4P
   1.57mm (.062") Diameter Standard .062 Pin and Socket Plug Housing, 9 Circuits,Without Mounting Ears
03-06-1056 MOLEX11-03-06-1056 Datasheet
41Kb / 2P
   1.57mm Diameter Standard .062 Pin and Socket Receptacle Housing, 5 Circuits, without Mounting Ears
03-06-2061 MOLEX11-03-06-2061 Datasheet
39Kb / 2P
   1.57mm Diameter Standard .062 Pin and Socket Plug Housing, 6 Circuits, without Mounting Ears
03-06-2042 MOLEX11-03-06-2042 Datasheet
40Kb / 2P
   1.57mm Diameter Standard .062 Pin and Socket Plug Housing, 4 Circuits, without Mounting Ears
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com