Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN35FTN43R2 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CN35FTN43R2
Description  Thick Film Chip Resistor Networks
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CN35FTN43R2 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CN35FTN43R2 Datasheet HTML 2Page - List of Unclassifed Manufacturers CN35FTN43R2 Datasheet HTML 3Page - List of Unclassifed Manufacturers CN35FTN43R2 Datasheet HTML 4Page - List of Unclassifed Manufacturers CN35FTN43R2 Datasheet HTML 5Page - List of Unclassifed Manufacturers CN35FTN43R2 Datasheet HTML 6Page - List of Unclassifed Manufacturers CN35FTN43R2 Datasheet HTML 7Page - List of Unclassifed Manufacturers CN35FTN43R2 Datasheet HTML 8Page - List of Unclassifed Manufacturers CN35FTN43R2 Datasheet HTML 9Page - List of Unclassifed Manufacturers CN35FTN43R2 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Thick Film Chip Resistor Arrays
Thick Film Chip Resistor Networks
(Lead-Free for CN Series Standard)
Halogen-Free
Document No. TCN-XX0S001R
Revise Date
2012/11/07
page number
6 /11
TA-I TECHNOLOGY CO., LTD
6. Marking
6.1 ±5%(E24)
Resistance value is expressed by 3 digits, the first two digits represent the
significant figures of nominal resistance value inΩ, and the third digit
represents exponent for base of 10.
E.G. 472 = 47×102 = 4700Ω = 4.7KΩ
6.2 ±1% (E96 )
Resistance value is expressed by 4 digits, the first three digits represent the
significant figures of nominal resistance value inΩ, and the fourth digit
represents exponent for base of 10.
E.G. 4701 = 470×101 = 4700Ω = 4.7kΩ
6.3 No Marking for CN22
7. Taping & Reel
7.1 Taping Dimensions
7.1.1 2 mm pitch paper
UNIT: mm
Type
A
B
W
F
E
P1
P2
P0
ψ
D0
T0
CN22
1.2±0.15
1.2±0.1
8.0±0.2
3.5±0.05
1.75±0.1
2.0±0.1
2.0±0.05
4.0±0.1
+0.1
1.5
-0
0.45±0.1
CN24
2.2±0.2
0.64±0.1


Similar Part No. - CN35FTN43R2

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CN300 CDIL-CN300 Datasheet
133Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
TDK Electronics
CN300B110-12 TDK-CN300B110-12 Datasheet
812Kb / 4P
   200-300W, 43 to 160V Input DC-DC Converters
April 29th, 2022 V2
CN300B110-12/CO TDK-CN300B110-12/CO Datasheet
812Kb / 4P
   200-300W, 43 to 160V Input DC-DC Converters
April 29th, 2022 V2
CN300B110-13.8 TDK-CN300B110-13.8 Datasheet
812Kb / 4P
   200-300W, 43 to 160V Input DC-DC Converters
April 29th, 2022 V2
CN300B110-13.8/CO TDK-CN300B110-13.8/CO Datasheet
812Kb / 4P
   200-300W, 43 to 160V Input DC-DC Converters
April 29th, 2022 V2
More results

Similar Description - CN35FTN43R2

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RA-RB MERITEK-RA-RB Datasheet
142Kb / 2P
   Thick Film Resistor Networks
logo
Riedon Powertron
TF3006A RIEDON-TF3006A Datasheet
195Kb / 2P
   Thick Film Resistor Networks
logo
American Accurate Compo...
CRN062V102JAM AAC-CRN062V102JAM Datasheet
312Kb / 6P
   Thick Film Chip Resistor Arrays & Networks
logo
ABCO ELECTRONICS CO.LTD
ANR9X472J ABCO-ANR9X472J Datasheet
560Kb / 2P
   THICK FILM RESISTOR NETWORKS
logo
Bourns Electronic Solut...
4B04B BOURNS-4B04B Datasheet
109Kb / 1P
   Thick Film Surge Resistor Networks
logo
List of Unclassifed Man...
898 ETC1-898 Datasheet
174Kb / 4P
   DAUL-IN-LINE THICK FILM RESISTOR NETWORKS
logo
Vishay Siliconix
SOMC VISHAY-SOMC Datasheet
120Kb / 3P
   Thick Film, Dual-in-Line Resistor Networks
Revision: 21-Aug-06
logo
List of Unclassifed Man...
898-5-R220 ETC1-898-5-R220 Datasheet
61Kb / 4P
   Dual-In-Line Thick Film Resistor Networks
logo
Samsung semiconductor
RC1608J000CS SAMSUNG-RC1608J000CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201_13 Datasheet
167Kb / 1P
   Thick Film Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com