Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL12GTNR100 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RL12GTNR100
Description  Alloy Film Chip Resistors Low Resistance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RL12GTNR100 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RL12GTNR100 Datasheet HTML 2Page - List of Unclassifed Manufacturers RL12GTNR100 Datasheet HTML 3Page - List of Unclassifed Manufacturers RL12GTNR100 Datasheet HTML 4Page - List of Unclassifed Manufacturers RL12GTNR100 Datasheet HTML 5Page - List of Unclassifed Manufacturers RL12GTNR100 Datasheet HTML 6Page - List of Unclassifed Manufacturers RL12GTNR100 Datasheet HTML 7Page - List of Unclassifed Manufacturers RL12GTNR100 Datasheet HTML 8Page - List of Unclassifed Manufacturers RL12GTNR100 Datasheet HTML 9Page - List of Unclassifed Manufacturers RL12GTNR100 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TA -I
Alloy Film Chip Resistors
Low Resistance (Standard)
Halogen-Free
Document No TRL-XX0S001O
Issued date
2014/08/06
Page.
9 / 10
TA-I TECHNOLOGY CO., LTD
11. Recommend IR – Reflow profile : ( Lead-Free solder : Sn96.5 / Ag3 / Cu0.5 )
Profile Feature
Lead (Pb )-Free Assembly
Average ramp-up rate
(Tsmax to Tp)
3℃ / second max.
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (Tsmin to Tsmax ) (ts)
150℃
200℃
60 -150 seconds
Time maintained above :
- Temperature (TL)
- Time (TL)
217℃
60-120 seconds
Peak Temperature (Tp)
260℃
Time within
5
0
of actual Peak
Temperature (tp)2
10 seconds
Ramp-down Rate
6℃/second max.
Time 25℃ to Peak Temperature
8mimutes max.
Allowed Re-flow times : 3 times
Remark : To avoid discoloration phenomena of chip on terminal electrodes,
please use N2 Re-flow furnace .
12. Storage Conditions :
Temperature: 5℃~35℃,Humidity:40%~75%
13. Shelf Life :
2 years from manufacturing date


Similar Part No. - RL12GTNR100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL12GTNR050 ETC-RL12GTNR050 Datasheet
655Kb / 9P
   Alloy Film Chip Resistors Low Resistance
More results

Similar Description - RL12GTNR100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL25FENR020 ETC-RL25FENR020 Datasheet
574Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RL10FTNR050 ETC-RL10FTNR050 Datasheet
715Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RL12JTNR050 ETC-RL12JTNR050 Datasheet
655Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RBL10FTR030 ETC-RBL10FTR030 Datasheet
600Kb / 9P
   Alloy Film Low Resistance Chip Resistors
RL13FTNR020 ETC-RL13FTNR020 Datasheet
796Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RMD10JT100 ETC-RMD10JT100 Datasheet
902Kb / 11P
   Alloy Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6BWFR020V PANASONIC-ERJ-6BWFR020V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-6RSJR18V PANASONIC-ERJ-6RSJR18V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ3BWFR020V PANASONIC-ERJ3BWFR020V Datasheet
129Kb / 4P
   Thick Film Chip Resistors/ Low Resistance Type
ERJ-1TRQFR91U PANASONIC-ERJ-1TRQFR91U Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com