Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLM20JEIR010 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RLM20JEIR010
Description  Lead-Free Current Sensing Resistors RLM Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RLM20JEIR010 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RLM20JEIR010 Datasheet HTML 1Page - List of Unclassifed Manufacturers RLM20JEIR010 Datasheet HTML 2Page - List of Unclassifed Manufacturers RLM20JEIR010 Datasheet HTML 3Page - List of Unclassifed Manufacturers RLM20JEIR010 Datasheet HTML 4Page - List of Unclassifed Manufacturers RLM20JEIR010 Datasheet HTML 5Page - List of Unclassifed Manufacturers RLM20JEIR010 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Lead-Free Current Sensing Resistors
RLM Series
Document No
TRLM-200S012A
Issued date
2012/12/13
page
1/6
TA-I TECHNOLOGY CO., LTD
1. Scope:
This specification applied to the products of Lead-Free current sensing resistor of metal foil for Lead-Free
RLM series manufactured by TA-I TECHNOLOGY CO., LTD.
2. Type Designation:
RLM
20
F
E
C
R010
Item
Series
Resistance
Packaging
Power Rating
Resistance
No
tolerance
20:2010
F:±1%
E: Embossed Tape
I=3/4W
e.g :
(5025)
G:±2%
D=3/2W
R010=10mΩ
J:±5%
S=1/2W
C=1W
3. Construction and Dimension :
3.1 Construction:
3.2 Dimension:
UNIT : mm
Style
L
W
C
t
Material
RLM20
5.0±0.2
2.5±0.2
0.6±0.3
0.60 ±0.20
Strip: Alloy
Over Coating:molding
Compound UL-94 grade
Metal Alloy Plate
Over-Coat
Ni / Sn
Plating
R010


Similar Part No. - RLM20JEIR010

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RLM221 VISHAY-RLM221 Datasheet
230Kb / 6P
   Ceramic Disc Capacitors, Class 1
Revision: 31-Jan-06
logo
List of Unclassifed Man...
RLM25FECMR003 ETC-RLM25FECMR003 Datasheet
493Kb / 6P
   Lead-Free Current Sensing Resistors RLM Series
RLM25FECMR010 ETC-RLM25FECMR010 Datasheet
493Kb / 6P
   Lead-Free Current Sensing Resistors RLM Series
RLM25FECMR50M ETC-RLM25FECMR50M Datasheet
502Kb / 6P
   Lead-Free Current Sensing Resistors RLM Series
RLM25FECR003 ETC-RLM25FECR003 Datasheet
489Kb / 6P
   Lead-Free Current Sensing Resistors RLM Series
More results

Similar Description - RLM20JEIR010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RLM25FECR010 ETC-RLM25FECR010 Datasheet
489Kb / 6P
   Lead-Free Current Sensing Resistors RLM Series
RLM10FTSMR020 ETC-RLM10FTSMR020 Datasheet
503Kb / 6P
   Lead-Free Current Sensing Resistors RLM Series
RLM25FEEMR50M ETC-RLM25FEEMR50M Datasheet
502Kb / 6P
   Lead-Free Current Sensing Resistors RLM Series
RLM25FECMR010 ETC-RLM25FECMR010 Datasheet
493Kb / 6P
   Lead-Free Current Sensing Resistors RLM Series
RLM12FTCMR001 ETC-RLM12FTCMR001 Datasheet
357Kb / 6P
   Current Sensing Resistors RLM Series
RLF06FECMR001 ETC-RLF06FECMR001 Datasheet
403Kb / 6P
   Lead-Free Current Sensing Resistors
RLN06FCR005 ETC-RLN06FCR005 Datasheet
365Kb / 6P
   Lead-Free Current Sensing Resistors
RLN37FECR010 ETC-RLN37FECR010 Datasheet
299Kb / 6P
   Lead-Free Current Sensing Resistors
RLS12FTCR010 ETC-RLS12FTCR010 Datasheet
464Kb / 8P
   Lead-Free Current Sensing Resistors
logo
Cyntec Co., Ltd.
RLM-0816-FF CYNTEC-RLM-0816-FF Datasheet
945Kb / 8P
   RLM-0816-FF Series Current Sensor Resistor (Lead / Halogen Free)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com