Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLM25FECR010 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RLM25FECR010
Description  Lead-Free Current Sensing Resistors RLM Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RLM25FECR010 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RLM25FECR010 Datasheet HTML 1Page - List of Unclassifed Manufacturers RLM25FECR010 Datasheet HTML 2Page - List of Unclassifed Manufacturers RLM25FECR010 Datasheet HTML 3Page - List of Unclassifed Manufacturers RLM25FECR010 Datasheet HTML 4Page - List of Unclassifed Manufacturers RLM25FECR010 Datasheet HTML 5Page - List of Unclassifed Manufacturers RLM25FECR010 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Lead-Free Current Sensing Resistors
RLM Series
( Halogen-Free )
Document No
TRLM-250S147E
Issued date
2014/03/31
Page
5/6
TA-I TECHNOLOGY CO., LTD
10. Reel Specification
Series
ψA
ψB
ψC
W
T
RLM 25
+0
180
-3
60 ±1.0
13.0±1.0
13.0±1.0
15.4±2.0
11. Peeling Strength of Top Cover Tape
Test Condition: 0.1 to 0.7 N at a peel-off speed of 300 mm / min.
pull
top cover tape
300 mm/min
10 ~15∘
standard: 0.1 ~ 0.7 N
carrier tape
12. Storage Conditions:
Temperature: 5℃~35℃,Humidity:40%~75%
13. Shelf Life
:
2 years from manufacturing date.


Similar Part No. - RLM25FECR010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RLM25FECMR003 ETC-RLM25FECMR003 Datasheet
493Kb / 6P
   Lead-Free Current Sensing Resistors RLM Series
RLM25FECMR010 ETC-RLM25FECMR010 Datasheet
493Kb / 6P
   Lead-Free Current Sensing Resistors RLM Series
RLM25FECMR50M ETC-RLM25FECMR50M Datasheet
502Kb / 6P
   Lead-Free Current Sensing Resistors RLM Series
More results

Similar Description - RLM25FECR010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RLM10FTSMR020 ETC-RLM10FTSMR020 Datasheet
503Kb / 6P
   Lead-Free Current Sensing Resistors RLM Series
RLM20FECR010 ETC-RLM20FECR010 Datasheet
432Kb / 6P
   Lead-Free Current Sensing Resistors RLM Series
RLM25FEEMR50M ETC-RLM25FEEMR50M Datasheet
502Kb / 6P
   Lead-Free Current Sensing Resistors RLM Series
RLM25FECMR010 ETC-RLM25FECMR010 Datasheet
493Kb / 6P
   Lead-Free Current Sensing Resistors RLM Series
RLM12FTCMR001 ETC-RLM12FTCMR001 Datasheet
357Kb / 6P
   Current Sensing Resistors RLM Series
RLF06FECMR001 ETC-RLF06FECMR001 Datasheet
403Kb / 6P
   Lead-Free Current Sensing Resistors
RLN06FCR005 ETC-RLN06FCR005 Datasheet
365Kb / 6P
   Lead-Free Current Sensing Resistors
RLN37FECR010 ETC-RLN37FECR010 Datasheet
299Kb / 6P
   Lead-Free Current Sensing Resistors
RLS12FTCR010 ETC-RLS12FTCR010 Datasheet
464Kb / 8P
   Lead-Free Current Sensing Resistors
logo
Cyntec Co., Ltd.
RLM-0816-FF CYNTEC-RLM-0816-FF Datasheet
945Kb / 8P
   RLM-0816-FF Series Current Sensor Resistor (Lead / Halogen Free)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com