Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MV06E050T050- Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MV06E050T050-
Description  Multilayer Chip Varistor for Surge
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MV06E050T050- Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MV06E050T050- Datasheet HTML 1Page - List of Unclassifed Manufacturers MV06E050T050- Datasheet HTML 2Page - List of Unclassifed Manufacturers MV06E050T050- Datasheet HTML 3Page - List of Unclassifed Manufacturers MV06E050T050- Datasheet HTML 4Page - List of Unclassifed Manufacturers MV06E050T050- Datasheet HTML 5Page - List of Unclassifed Manufacturers MV06E050T050- Datasheet HTML 6Page - List of Unclassifed Manufacturers MV06E050T050- Datasheet HTML 7Page - List of Unclassifed Manufacturers MV06E050T050- Datasheet HTML 8Page - List of Unclassifed Manufacturers MV06E050T050- Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Multilayer Chip Varistor for Surge and
ESD Protection
– E Type Series
Document No
TMVE-XXOS001C
Issued date
2012/02/13
Page
1/9
TA-I TECHNOLOGY CO., LTD
1. Features
1.1 No polarity due to symmetrical current-voltage characteristics
1.2 Excellent electro static absorption capability
1.3 Variable capacitance
1.4 Working Voltage from 2.5 to 300 VRMS; 3.3 to 385 Vdc
1.5 Suitable for ESD Protection
2. Applications
2.1 USB 3.0 Power and Data lines I/O Port protection
2.2 Notebook and PC Computers
2.3 Monitors and Flat Panel Displays
2.4 IEEE 1394 Firewire Ports
2.5 Video Graphics Cards
2.6 SIM ports Mobile phone
2.7 Digital Camera
2.9 MP3/MP4 player
2.10 LCD Module
2.11 HUB/ Telecom/ Wireless LAN
2.12 Keyboard
3. Type Designation
050:5V
120:12V
240:24V
MV
06
E
050
T
050
-
Multilayer
Varistor
Size
Type Series
MAX
Working
Voltage
Packaging
Capacitance
Internal
Code
04:0402
06:0603
050:5V
120:12V
240:24V
T:Paper tape
0402:10K
0603:4K
050:5(pF)
100:10(pF)
2R5:2.5(Pf)


Similar Part No. - MV06E050T050-

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MV06L04T-080 ETC-MV06L04T-080 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
MV06L06T-120 ETC-MV06L06T-120 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
MV06L11T-180 ETC-MV06L11T-180 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
MV06L14T-240 ETC-MV06L14T-240 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
MV06L17T-270 ETC-MV06L17T-270 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
More results

Similar Description - MV06E050T050-

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MV04L04T-080 ETC-MV04L04T-080 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
logo
WALSIN TECHNOLOGY CORPO...
MLV_VZ WALSIN-MLV_VZ Datasheet
1,011Kb / 49P
   MULTILAYER CHIP VARISTOR
logo
RFE international
JMV0805S090T781 RFE-JMV0805S090T781 Datasheet
310Kb / 6P
   MULTILAYER CHIP VARISTOR JMV S & E Series: (SMD Surge Protection)
logo
Abracon Corporation
AMCV-0402LC ABRACON-AMCV-0402LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0201-5R5 ABRACON-AMCV-0201-5R5 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603LC ABRACON-AMCV-0603LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0805 ABRACON-AMCV-0805 Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-1210H ABRACON-AMCV-1210H Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-1210H-300-T ABRACON-AMCV-1210H-300-T Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-0201 ABRACON-AMCV-0201 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com