Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8711-10 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # H8711-10
Description  MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H8711-10 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  H8711-10 Datasheet HTML 1Page - Hamamatsu Corporation H8711-10 Datasheet HTML 2Page - Hamamatsu Corporation H8711-10 Datasheet HTML 3Page - Hamamatsu Corporation H8711-10 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 5: Pulse Linearity per Channel
TPMHB0691EA
Figure 6: Anode Uniformity (Example)
H8711
TPMHB0692EA
H8711-10
92
62
64
79
73
52
53
81
76
50
51
81
90
69
72
100
Supply Voltage: 800 V
Light Source: Tungsten Lamp (uniform DC light)
Full Illumination
Figure 7: Anode Cross-talk (Example)
0.1
0.5
0.1
*
0.8
100
0.3
*
0.1
0.3
0.1
*
*
*
*
*
OUTPUT CURRENT (mA)
-
20
-
10
0
10
10-2
10-1
100
101
PULSE WIDTH= 50 ns
REPETITION= 1 kHz
SUPPLY VOLTAGE= -800 V
Divider Ratio
2 : 2 : 2 : 1 :
⋅ ⋅ ⋅ ⋅ : 1 : 1 : 1
OUTPUT CURRENT (mA)
-
20
-
10
0
10
10-2
10-1
100
101
PULSE WIDTH= 50 ns
REPETITION= 1 kHz
SUPPLY VOLTAGE= -800 V
Divider Ratio
2.4 : 2.4 : 2.4 : 1 :
⋅ ⋅ ⋅ ⋅ : 1 : 1.2 : 2.4
Supply Voltage: 800 V
Light Source: Tungsten Lamp (uniform DC light)
Spot Illumination: 4 mm
× 4 mm


Similar Part No. - H8711-10

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H8711-10 HAMAMATSU-H8711-10 Datasheet
166Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711-10 HAMAMATSU-H8711-10 Datasheet
220Kb / 4P
   4 횞 4 Multianode, High Speed Response, Low Cross-talk, 30 mm Square Bialkali and Multialkali Photocathode, 12-stage, Head-on Type
H8711-10 HAMAMATSU-H8711-10 Datasheet
220Kb / 4P
   4 횞 4 Multianode, High Speed Response, Low Cross-talk, 30 mm Square Bialkali and Multialkali Photocathode
H8711-100 HAMAMATSU-H8711-100 Datasheet
220Kb / 4P
   4 횞 4 Multianode, High Speed Response, Low Cross-talk, 30 mm Square Bialkali and Multialkali Photocathode, 12-stage, Head-on Type
H8711-100 HAMAMATSU-H8711-100 Datasheet
220Kb / 4P
   4 횞 4 Multianode, High Speed Response, Low Cross-talk, 30 mm Square Bialkali and Multialkali Photocathode
More results

Similar Description - H8711-10

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H7546B HAMAMATSU-H7546B Datasheet
101Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711_07 Datasheet
166Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
R5900U-00-M4 HAMAMATSU-R5900U-00-M4 Datasheet
74Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE
R5900U-M4 HAMAMATSU-R5900U-M4 Datasheet
165Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE
H9500 HAMAMATSU-H9500 Datasheet
155Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8500 HAMAMATSU-H8500 Datasheet
177Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H13175U HAMAMATSU-H13175U_15 Datasheet
130Kb / 2P
   PHOTOMULTIPLIER TUBE ASSEMBLY
H11432 HAMAMATSU-H11432 Datasheet
92Kb / 2P
   PHOTOMULTIPLIER TUBE ASSEMBLY
R1477-06 HAMAMATSU-R1477-06 Datasheet
76Kb / 4P
   PHOTOMULTIPLIER TUBE
R374 HAMAMATSU-R374 Datasheet
28Kb / 2P
   PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com