Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB06ATK1001 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RB06ATK1001
Description  Thin Film Chip Resistors RB series Standard
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RB06ATK1001 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RB06ATK1001 Datasheet HTML 1Page - List of Unclassifed Manufacturers RB06ATK1001 Datasheet HTML 2Page - List of Unclassifed Manufacturers RB06ATK1001 Datasheet HTML 3Page - List of Unclassifed Manufacturers RB06ATK1001 Datasheet HTML 4Page - List of Unclassifed Manufacturers RB06ATK1001 Datasheet HTML 5Page - List of Unclassifed Manufacturers RB06ATK1001 Datasheet HTML 6Page - List of Unclassifed Manufacturers RB06ATK1001 Datasheet HTML 7Page - List of Unclassifed Manufacturers RB06ATK1001 Datasheet HTML 8Page - List of Unclassifed Manufacturers RB06ATK1001 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Thin Film Chip Resistors
RB series Standard
(Halogen –Free)
Document No
TRB-XX0S031M
Issued date
2013/01/17
page
4/13
TA-I TECHNOLOGY CO., LTD
5.1 Derating Curve :
For resistors operated at ambient temperature over 70℃ , power rating shall be derated
according to figure 1.
P Max
Ambient Temp.(℃)
Figure 1.
5.2 Rated Voltage:
The rated voltage is calculated by the following formula:
E= P * R
E=Rated Voltage(V)
P=Rated Power(W)
R=Resistance Value(Ω)
Power ratio(%)


Similar Part No. - RB06ATK1001

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
RB0608100KL ABC-RB0608100KL Datasheet
107Kb / 4P
   RADIAL INDUCTOR
RB0608101KL ABC-RB0608101KL Datasheet
107Kb / 4P
   RADIAL INDUCTOR
RB0608102KL ABC-RB0608102KL Datasheet
107Kb / 4P
   RADIAL INDUCTOR
RB0608120KL ABC-RB0608120KL Datasheet
107Kb / 4P
   RADIAL INDUCTOR
RB0608121KL ABC-RB0608121KL Datasheet
107Kb / 4P
   RADIAL INDUCTOR
More results

Similar Description - RB06ATK1001

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NTR NIC-NTR Datasheet
114Kb / 5P
   Thin Film Chip Resistors
logo
List of Unclassifed Man...
RT0201 ETC1-RT0201 Datasheet
41Kb / 2P
   Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com