Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL20JENR020 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RL20JENR020
Description  Alloy Film Chip Resistors Low Resistance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RL20JENR020 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  RL20JENR020 Datasheet HTML 1Page - List of Unclassifed Manufacturers RL20JENR020 Datasheet HTML 2Page - List of Unclassifed Manufacturers RL20JENR020 Datasheet HTML 3Page - List of Unclassifed Manufacturers RL20JENR020 Datasheet HTML 4Page - List of Unclassifed Manufacturers RL20JENR020 Datasheet HTML 5Page - List of Unclassifed Manufacturers RL20JENR020 Datasheet HTML 6Page - List of Unclassifed Manufacturers RL20JENR020 Datasheet HTML 7Page - List of Unclassifed Manufacturers RL20JENR020 Datasheet HTML 8Page - List of Unclassifed Manufacturers RL20JENR020 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TA-I
Alloy Film Chip Resistors
Low Resistance (20-91 mΩ)
Halogen-Free
No
TRL-XX0S008H
Issued date
2012/09/21
page
7/9
TA-I TECHNOLOGY CO., LTD
Land pattern
Type
Size
Dimension ( mm )
a
b
c
RL
20 (2010 )
3.3~3.7
5.7~6.5
2.3~3.5
RL
25 (2512 )
3.6.~4.0
7.6~8.6
2.3~3.5
11. Recommend IR – Reflow profile : ( Lead-Free solder : Sn96.5 / Ag3 / Cu0.5 )
Profile Feature
Lead (Pb )-Free Assembly
Average ramp-up rate
(Tsmax to Tp)
3℃ / second max.
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (Tsmin to Tsmax ) (ts)
150℃
200℃
60 -150 seconds
Time maintained above :
- Temperature (TL)
- Time (TL)
217℃
60-120 seconds
Peak Temperature (Tp)
260℃
Time within
5
0
of actual Peak
Temperature (tp)2
10 seconds
Ramp-down Rate
6℃/second max.
Time 25℃ to Peak Temperature
8mimutes max.
Alloyed Re-flow times : 3 times
Remark : To avoid discoloration phenomena of chip on terminal electrodes,
please use N2 Re-flow furnace .


Similar Part No. - RL20JENR020

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RL20 AMPHENOL-RL20 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
logo
Yea Shin Technology Co....
RL200 YEASHIN-RL200 Datasheet
51Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Amphenol Corporation
RL2003-13.2K-150-K AMPHENOL-RL2003-13.2K-150-K Datasheet
65Kb / 2P
   Low cost solid state sensor
RL2003-289-95-K AMPHENOL-RL2003-289-95-K Datasheet
65Kb / 2P
   Low cost solid state sensor
RL2003-62.4-73-K AMPHENOL-RL2003-62.4-73-K Datasheet
65Kb / 2P
   Low cost solid state sensor
More results

Similar Description - RL20JENR020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL10FTNR100 ETC-RL10FTNR100 Datasheet
894Kb / 10P
   Alloy Film Chip Resistors Low Resistance
RL10FTNR050 ETC-RL10FTNR050 Datasheet
715Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RL12JTNR050 ETC-RL12JTNR050 Datasheet
655Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RBL10FTR030 ETC-RBL10FTR030 Datasheet
600Kb / 9P
   Alloy Film Low Resistance Chip Resistors
RL13FTNR020 ETC-RL13FTNR020 Datasheet
796Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RMD10JT100 ETC-RMD10JT100 Datasheet
902Kb / 11P
   Alloy Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6BWFR020V PANASONIC-ERJ-6BWFR020V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-6RSJR18V PANASONIC-ERJ-6RSJR18V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ3BWFR020V PANASONIC-ERJ3BWFR020V Datasheet
129Kb / 4P
   Thick Film Chip Resistors/ Low Resistance Type
ERJ-1TRQFR91U PANASONIC-ERJ-1TRQFR91U Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com