Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBL06JTR030 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RBL06JTR030
Description  Alloy Film Low Resistance Chip Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RBL06JTR030 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  RBL06JTR030 Datasheet HTML 1Page - List of Unclassifed Manufacturers RBL06JTR030 Datasheet HTML 2Page - List of Unclassifed Manufacturers RBL06JTR030 Datasheet HTML 3Page - List of Unclassifed Manufacturers RBL06JTR030 Datasheet HTML 4Page - List of Unclassifed Manufacturers RBL06JTR030 Datasheet HTML 5Page - List of Unclassifed Manufacturers RBL06JTR030 Datasheet HTML 6Page - List of Unclassifed Manufacturers RBL06JTR030 Datasheet HTML 7Page - List of Unclassifed Manufacturers RBL06JTR030 Datasheet HTML 8Page - List of Unclassifed Manufacturers RBL06JTR030 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Alloy Film
Low Resistance Chip Resistors
(RBL Series)
Document No
TRBL-XX0S001K
Issued date
2014/06/12
Page
8/9
TA-I TECHNOLOGY CO., LTD
14. Storage Conditions:
Temperature: 5℃~35℃,Humidity:40%~75%
15. Shelf Life:
2 years from manufacturing date.
16. Recommend IR
– Reflow profile : (solder : Sn96.5 / Ag3 / Cu0.5)
Profile Feature
Lead (Pb )-Free Assembly
Average ramp-up rate
(Tsmax to Tp)
3℃ / second max.
Preheat
- Temperature Min
(Tsmin)
- Temperature Max (Tsmax)
- Time (Tsmin to Tsmax ) (ts)
150℃
200℃
60 -150 seconds
Time maintained above :
- Temperature
(TL)
- Time (TL)
217℃
60-120 seconds
Peak Temperature (Tp)
260℃
Time within
5
0
℃ of actual Peak
Temperature (tp)
2
10 seconds
Ramp-down Rate
6℃/second max.
Time 25℃ to Peak Temperature
8mimutes max.
Alloyed Re-flow times : 3 times
Remark : To avoid discoloration phenomena of chip on terminal electrodes,
please use N2 Re-flow furnace


Similar Part No. - RBL06JTR030

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RBL RECOM-RBL Datasheet
92Kb / 2P
   1kVDC and 2kVDC Isolation Option
RBL-0505E RECOM-RBL-0505E Datasheet
92Kb / 2P
   1kVDC and 2kVDC Isolation Option
RBL-0505S RECOM-RBL-0505S Datasheet
92Kb / 2P
   1kVDC and 2kVDC Isolation Option
RBL-0505S RECOM-RBL-0505S Datasheet
92Kb / 2P
   1:1 Input Range
RBL-0505S/E RECOM-RBL-0505S/E Datasheet
92Kb / 2P
   0.25 Watt SIP7 Isolated Single Output
More results

Similar Description - RBL06JTR030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL10FTNR100 ETC-RL10FTNR100 Datasheet
894Kb / 10P
   Alloy Film Chip Resistors Low Resistance
RL25FENR020 ETC-RL25FENR020 Datasheet
574Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RL10FTNR050 ETC-RL10FTNR050 Datasheet
715Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RL12JTNR050 ETC-RL12JTNR050 Datasheet
655Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RL13FTNR020 ETC-RL13FTNR020 Datasheet
796Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RMD10JT100 ETC-RMD10JT100 Datasheet
902Kb / 11P
   Alloy Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6BWFR020V PANASONIC-ERJ-6BWFR020V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-6RSJR18V PANASONIC-ERJ-6RSJR18V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ3BWFR020V PANASONIC-ERJ3BWFR020V Datasheet
129Kb / 4P
   Thick Film Chip Resistors/ Low Resistance Type
ERJ-1TRQFR91U PANASONIC-ERJ-1TRQFR91U Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com