Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTR04JTH344 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MTR04JTH344
Description  Muti-Layer Thermistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTR04JTH344 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MTR04JTH344 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTR04JTH344 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTR04JTH344 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTR04JTH344 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTR04JTH344 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTR04JTH344 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTR04JTH344 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTR04JTH344 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTR04JTH344 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Muti-Layer Thermistor
(Negative Temperature Coefficient)
Document No
TMTR-XXOS002A
Issued date
2012/10/02
Page
2/10
TA-I TECHNOLOGY CO., LTD
4. Dimensions:
Unit: mm
Item
L(mm)
W(mm)
T(mm)
L1(mm)
0402 ( 1005 )
1.00 ± 0.10
0.50 ± 0.10
0.60 max
0.15~0.30
0603 ( 1608 )
1.60 ± 0.15
0.80 ± 0.15
0.95 max
0.20~0.50
0805 ( 2012 )
2.00 ± 0.20
1.25 ± 0.20
1.20 max
0.20~0.60
5. Electrical Characteristics
Part
Designation
Zero
Power
Resistance
at 25℃
(KΩ)
Tolerance of
Resistance
(±%)
B value
(25-85)
(K)
Tolerance of B
value
(±%)
Max Power
Rated at 25
(mW)
Typical
Dissipation
Constant
(mW/℃)
Operation
Temperature
range
(℃)
MTR04T410B102
1
3、5
4100
3
250 mW
Approx.
2.5 mW/℃
-40~125
MTR04T344B103
10
1、3、5
3435
1、3
MTR04T390B103
10
3、5
3900
3
MTR04T410B103
10
3、5
4100
1、3
MTR04T405B473
47
2、3、5
4050
3
MTR04T415B683
68
2、3、5
4150
3
MTR04T405B104
100
2、3、5
4050
3
MTR04T430B104
100
2、3、5
4300
3
MTR04T405B474
470
2、3、5
4050
1、3
T
W
L1
L1
L


Similar Part No. - MTR04JTH344

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MTR MERITEK-MTR Datasheet
284Kb / 8P
   Power Resistors
logo
Vishay Siliconix
MTR VISHAY-MTR Datasheet
92Kb / 3P
   Wire Bondable Thin Film Multi-Tap Resistor Arrays
Revision: 18-Apr-13
logo
Heyco.
MTR HEYCO-MTR Datasheet
157Kb / 1P
   Unscrewing Snap Rivets
logo
MERITEK ELECTRONICS COR...
MTR100DBD0100-H MERITEK-MTR100DBD0100-H Datasheet
284Kb / 8P
   Power Resistors
MTR100DBD1001-H MERITEK-MTR100DBD1001-H Datasheet
284Kb / 8P
   Power Resistors
More results

Similar Description - MTR04JTH344

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
NTC LEIDITECH-NTC Datasheet
992Kb / 4P
   Thermistor
logo
Vincotech
80-M2122PA200SC-K709F40 VINCOTECH-80-M2122PA200SC-K709F40 Datasheet
591Kb / 6P
   Integrated thermistor
logo
Murata Manufacturing Co...
NXRS15WF104FA5B MURATA-NXRS15WF104FA5B Datasheet
214Kb / 3P
   NXR Thermistor
NXRS15XM202EA1B MURATA-NXRS15XM202EA1B Datasheet
212Kb / 3P
   NXR Thermistor
NXRT15WB473FA5B MURATA-NXRT15WB473FA5B Datasheet
206Kb / 3P
   NXR Thermistor
NXRS15XH103FA5B MURATA-NXRS15XH103FA5B Datasheet
210Kb / 3P
   NXR Thermistor
NXRS15XM202EA3A016 MURATA-NXRS15XM202EA3A016_17 Datasheet
214Kb / 3P
   NXR Thermistor
NXRS15XV302FA5B MURATA-NXRS15XV302FA5B Datasheet
203Kb / 3P
   NXR Thermistor
logo
Chenmko Enterprise Co. ...
CHT857BPT CHENMKO-CHT857BPT Datasheet
127Kb / 4P
   PNP Muti-Chip General Purpose Amplifier
logo
Murata Manufacturing Co...
NXRS15WB333JA5B MURATA-NXRS15WB333JA5B Datasheet
215Kb / 3P
   NXR Thermistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com