Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL10JTNR050 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RL10JTNR050
Description  Alloy Film Chip Resistors Low Resistance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RL10JTNR050 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RL10JTNR050 Datasheet HTML 1Page - List of Unclassifed Manufacturers RL10JTNR050 Datasheet HTML 2Page - List of Unclassifed Manufacturers RL10JTNR050 Datasheet HTML 3Page - List of Unclassifed Manufacturers RL10JTNR050 Datasheet HTML 4Page - List of Unclassifed Manufacturers RL10JTNR050 Datasheet HTML 5Page - List of Unclassifed Manufacturers RL10JTNR050 Datasheet HTML 6Page - List of Unclassifed Manufacturers RL10JTNR050 Datasheet HTML 7Page - List of Unclassifed Manufacturers RL10JTNR050 Datasheet HTML 8Page - List of Unclassifed Manufacturers RL10JTNR050 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TA-I
Alloy Film Chip Resistors
Low Resistance (50-91 mΩ)
Halogen-Free
Document No
TRL-100S050E
Issued date
2014/02/19
Page.
5 / 9
TA-I TECHNOLOGY CO., LTD
8. Taping & Reel
8.1 Taping Dimensions
8.1.1 4 mm pitch paper
Packing Type
A
B
W
F
E
P1
P2
P0
D0
T
Paper Tape RL10 1.6 ±0.15 2.4 ±0.2 8.0 ±0.2 3.5 ±0.05 1.75 ±0.1 4.0 ±0.1 2.0 ±0.05 4.0 ±0.1
+0.1
ψ
1.5
-0
0.84 ±0.1
UNIT: mm
Type Size
Paper Tape
4 mm pitch
178mm/R
RL
10
5000
8.2 Reel Specifications


Similar Part No. - RL10JTNR050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL10JTNR10 ETC-RL10JTNR10 Datasheet
894Kb / 10P
   Alloy Film Chip Resistors Low Resistance
RL10JTNR100 ETC-RL10JTNR100 Datasheet
894Kb / 10P
   Alloy Film Chip Resistors Low Resistance
More results

Similar Description - RL10JTNR050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL10FTNR100 ETC-RL10FTNR100 Datasheet
894Kb / 10P
   Alloy Film Chip Resistors Low Resistance
RL25FENR020 ETC-RL25FENR020 Datasheet
574Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RL12JTNR050 ETC-RL12JTNR050 Datasheet
655Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RBL10FTR030 ETC-RBL10FTR030 Datasheet
600Kb / 9P
   Alloy Film Low Resistance Chip Resistors
RL13FTNR020 ETC-RL13FTNR020 Datasheet
796Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RMD10JT100 ETC-RMD10JT100 Datasheet
902Kb / 11P
   Alloy Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6BWFR020V PANASONIC-ERJ-6BWFR020V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-6RSJR18V PANASONIC-ERJ-6RSJR18V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ3BWFR020V PANASONIC-ERJ3BWFR020V Datasheet
129Kb / 4P
   Thick Film Chip Resistors/ Low Resistance Type
ERJ-1TRQFR91U PANASONIC-ERJ-1TRQFR91U Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com