Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFS12V3T4R0 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # CFS12V3T4R0
Description  Thin Film Chip Fuse
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CFS12V3T4R0 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button CFS12V3T4R0 Datasheet HTML 5Page - List of Unclassifed Manufacturers CFS12V3T4R0 Datasheet HTML 6Page - List of Unclassifed Manufacturers CFS12V3T4R0 Datasheet HTML 7Page - List of Unclassifed Manufacturers CFS12V3T4R0 Datasheet HTML 8Page - List of Unclassifed Manufacturers CFS12V3T4R0 Datasheet HTML 9Page - List of Unclassifed Manufacturers CFS12V3T4R0 Datasheet HTML 10Page - List of Unclassifed Manufacturers CFS12V3T4R0 Datasheet HTML 11Page - List of Unclassifed Manufacturers CFS12V3T4R0 Datasheet HTML 12Page - List of Unclassifed Manufacturers CFS12V3T4R0 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Thin Film Chip Fuse
Document No
TCFS-XX0S004I
Issued date
2012/11/26
Page
9/20
TA-I TECHNOLOGY CO., LTD
★ Selection Guideline of Fuse:
Checklist of selection factors
◎Normal operating current
◎Normal operating voltage ( AC or DC )
◎Ambient Temperature
◎Overload current and length of time in which the fuse must open .
◎Type of fuse ( SMD or Tube ) and physical size limitation ( 0603 or 1206 )
◎Agency Approval required ( e.g., UL248-14 )
■ Normal operating current
e.g., Rectangular Wave, If
I p = 1.5 A
, Normal operating current = 1.5 A


Similar Part No. - CFS12V3T4R0

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CFS12CL52R103G KOA-CFS12CL52R103G Datasheet
274Kb / 2P
   carbon film leaded resistors
CFS12CL52R103J KOA-CFS12CL52R103J Datasheet
274Kb / 2P
   carbon film leaded resistors
CFS12CT26R103G KOA-CFS12CT26R103G Datasheet
274Kb / 2P
   carbon film leaded resistors
CFS12CT26R103J KOA-CFS12CT26R103J Datasheet
274Kb / 2P
   carbon film leaded resistors
CFS12CT52R103G KOA-CFS12CT52R103G Datasheet
274Kb / 2P
   carbon film leaded resistors
More results

Similar Description - CFS12V3T4R0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP04V3TR50 ETC-CP04V3TR50 Datasheet
1Mb / 17P
   Thin Film Chip Fuse
logo
Vishay Siliconix
MFUAT VISHAY-MFUAT Datasheet
120Kb / 8P
   Thin Film Chip Fuse
01-Jan-2022
logo
List of Unclassifed Man...
CH06V5TR50 ETC-CH06V5TR50 Datasheet
683Kb / 13P
   Thin Film Chip Fuse
logo
American Accurate Compo...
TCFQ05-V2-R501R0M AAC-TCFQ05-V2-R501R0M Datasheet
370Kb / 3P
   THIN FILM CHIP FUSE
logo
KOA Speer Electronics, ...
TF10BN KOA-TF10BN Datasheet
125Kb / 2P
   thin film chip fuse
TF16SN125TTE KOA-TF16SN125TTE Datasheet
270Kb / 2P
   thin film chip fuse
logo
List of Unclassifed Man...
CPS06V5TR50 ETC-CPS06V5TR50 Datasheet
1Mb / 19P
   Thin Film Chip Fuse
CF04V3TR315 ETC-CF04V3TR315 Datasheet
1Mb / 20P
   Thin Film Chip Fuse
logo
AVX Corporation
F1206A0R20FSTR AVX-F1206A0R20FSTR_11 Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
F0402E0R25FSTR AVX-F0402E0R25FSTR_17 Datasheet
214Kb / 17P
   SMD Thin-Film Fuse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com