Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8567-04 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # H8567-04
Description  Compact Side-on PMT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H8567-04 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  H8567-04 Datasheet HTML 1Page - Hamamatsu Corporation H8567-04 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
23
Characteristics (Cathode radiant sensitivity, PMT gain)
Sensitivity Adjustment Method
Dimensional Outlines (Unit: mm)
TPMOB0138EB
TPMOB0139EB
TPMOB0140EB
TPMOC0146EB
TPMOA0013ED
TPMOA0018ED
Details of input window
Voltage Programming
Resistance Programming
WAVELENGTH (nm)
100
1000
100
200
300
400
500
600
700
900
800
10
1
0.1
H7710-11
H8567-01 Type
H7710-15
H8567-05 Type
WAVELENGTH (nm)
1000
100
200
300
400
500
600
700
900
800
100
10
1
0.1
H7710-12
H8567-02 Type
H7710-13
H8567-03 Type
H7710-14
H8567-04 Type
CONTROL VOLTAGE (V)
107
108
106
105
104
103
102
0.25
0.5
0.3
0.7
1.0
1.5
2.0
H7710-15
H8567-05 Type
H7710-11
H8567-01 Type
+15 V
GND
+15 V
GND
SIGNAL OUTPUT
GND
COAXIAL CABLE
RED (LOW VOLTAGE INPUT)
BLACK (GND)
BLUE (Vref OUTPUT)
WHITE (Vcontrol INPUT)
SIGNAL OUTPUT
PHOTOSENSOR MODULE
POWER SUPPLY
POWER SUPPLY
PHOTOSENSOR MODULE
+0.25 V to
+1.0 V
COAXIAL CABLE
RED (LOW VOLTAGE INPUT)
BLACK (GND)
BLUE (Vref OUTPUT)
WHITE (Vcontrol INPUT)
POTENTIOMETER (10 k
Ω)
MONITOR
• Electrically insulate the
reference voltage output.
• Adjust the control voltage to
adjust the sensitivity.
When using a potentiometer, adjust sensitivity
while monitoring the control voltage.
EFFECTIVE
AREA
(3.7
× 13.0)
50.8
± 0.5
450
± 20
9.5
3.5
12.0
± 0.2
FRONT VIEW
SIDE VIEW
MOUNTING
THREADED HOLE
(4-M2 DEPTH: 4)
19.0
± 0.5
8.8
WINDOW
(7
× 16)
COAX CABLE
OTHER WIRES
: RG-174/U
: AWG 26
PHOTOCATHODE
7
3.7
9
WINDOW
EFFECTIVE
AREA
(3.7
× 13.0)
PHOTOCATHODE
WINDOW
9
7
TOP VIEW
FRONT VIEW
Current Output Type Photosensor Modules


Similar Part No. - H8567-04

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H8568-01 HAMAMATSU-H8568-01 Datasheet
86Kb / 2P
   Compact Side-on PMT
H8568-02 HAMAMATSU-H8568-02 Datasheet
86Kb / 2P
   Compact Side-on PMT
H8568-03 HAMAMATSU-H8568-03 Datasheet
86Kb / 2P
   Compact Side-on PMT
H8568-04 HAMAMATSU-H8568-04 Datasheet
86Kb / 2P
   Compact Side-on PMT
H8568-05 HAMAMATSU-H8568-05 Datasheet
86Kb / 2P
   Compact Side-on PMT
More results

Similar Description - H8567-04

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H7711 HAMAMATSU-H7711 Datasheet
86Kb / 2P
   Compact Side-on PMT
H8249 HAMAMATSU-H8249 Datasheet
86Kb / 2P
   Side-on PMT
H8259 HAMAMATSU-H8259_15 Datasheet
87Kb / 2P
   Side-on PMT
H11461 HAMAMATSU-H11461_15 Datasheet
75Kb / 2P
   Side-on PMT
H11462 HAMAMATSU-H11462_15 Datasheet
73Kb / 2P
   Side-on PMT
H7732 HAMAMATSU-H7732 Datasheet
86Kb / 2P
   Side-on PMT
H8259 HAMAMATSU-H8259 Datasheet
89Kb / 2P
   Side-on PMT
H7827 HAMAMATSU-H7827_15 Datasheet
82Kb / 2P
   Compact Head-on PMT
H7827 HAMAMATSU-H7827 Datasheet
88Kb / 2P
   Compact Head-on PMT
H7828 HAMAMATSU-H7828_15 Datasheet
83Kb / 2P
   Compact Head-on PMT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com