Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CF12V6TR50 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CF12V6TR50
Description  Thin Film Chip Fuse
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CF12V6TR50 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CF12V6TR50 Datasheet HTML 1Page - List of Unclassifed Manufacturers CF12V6TR50 Datasheet HTML 2Page - List of Unclassifed Manufacturers CF12V6TR50 Datasheet HTML 3Page - List of Unclassifed Manufacturers CF12V6TR50 Datasheet HTML 4Page - List of Unclassifed Manufacturers CF12V6TR50 Datasheet HTML 5Page - List of Unclassifed Manufacturers CF12V6TR50 Datasheet HTML 6Page - List of Unclassifed Manufacturers CF12V6TR50 Datasheet HTML 7Page - List of Unclassifed Manufacturers CF12V6TR50 Datasheet HTML 8Page - List of Unclassifed Manufacturers CF12V6TR50 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Thin Film Chip Fuse
Document No
TCF-XXOS032J
Issued date
2012/06/28
Page
4/20
TA-I TECHNOLOGY CO., LTD
6. Temperature Derating Curve
6.1 Normal Ambient Temperature: 25℃
6.2 Operating Temperature: -20℃~105℃, whit proper Derating factor
as below:
7. Reliability Tests
Parameter
Requirement
Test Method
Carrying capacity
No fusing
Rated current ,4hr
Fusing Time
Within 1 minute
200% of its rated current
Interrupting Ability
No mechanical
damages
After the fuse is interrupted ,rated voltage applied for
30sec again
Bending Test
No mechanical
damages
Distance between holding points: 90mm,
Bending:3mm,1time ,30sec
Resistance to solder Heat
±20%
260℃±5℃,10±1second
Solderability
95% coverage
minimum
235℃±5℃, 2±0.5second
245℃±5℃, 2±0.5second (Lead Free)
Temperature Rise
<75℃
100% of its rated current, Measure of surface
temperature
Resistance to Dry Heat
±20%
105℃±5℃,1000 hrs
Resistance to Solvent
No evident damages
on protective coating
and marking
23℃±5℃of Isopropyl alcohol 90second
Residual Resistance
10kΩ and more
Measure DC resistance after fusing
Thermal Shock
△R< 10 %
-20℃/+25℃/+125℃/+25℃, 10 cycles
105


Similar Part No. - CF12V6TR50

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CF1200 EATON-CF1200 Datasheet
48Kb / 3P
   Eaton CF1000 Addressable control panel: Cooper, Addressable,Control Panels, Medium System, EN54 Systems, 2 Loops
logo
TDK Electronics
CF12005A007V-007-R TDK-CF12005A007V-007-R Datasheet
178Kb / 2P
   DC-DC Converters
logo
SHIELD s.r.l.
CF1202A00 SHIELD-CF1202A00 Datasheet
224Kb / 2P
   For electrovalves, style B, 2pG, female, with cable
logo
MERITEK ELECTRONICS COR...
CF12103GTR MERITEK-CF12103GTR Datasheet
86Kb / 1P
   Carbon Film Resistors
CF12103JTR MERITEK-CF12103JTR Datasheet
86Kb / 1P
   Carbon Film Resistors
More results

Similar Description - CF12V6TR50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP04V3TR50 ETC-CP04V3TR50 Datasheet
1Mb / 17P
   Thin Film Chip Fuse
logo
Vishay Siliconix
MFUAT VISHAY-MFUAT Datasheet
120Kb / 8P
   Thin Film Chip Fuse
01-Jan-2022
logo
List of Unclassifed Man...
CH06V5TR50 ETC-CH06V5TR50 Datasheet
683Kb / 13P
   Thin Film Chip Fuse
logo
American Accurate Compo...
TCFQ05-V2-R501R0M AAC-TCFQ05-V2-R501R0M Datasheet
370Kb / 3P
   THIN FILM CHIP FUSE
logo
KOA Speer Electronics, ...
TF10BN KOA-TF10BN Datasheet
125Kb / 2P
   thin film chip fuse
TF16SN125TTE KOA-TF16SN125TTE Datasheet
270Kb / 2P
   thin film chip fuse
logo
List of Unclassifed Man...
CPS06V5TR50 ETC-CPS06V5TR50 Datasheet
1Mb / 19P
   Thin Film Chip Fuse
CFS04V3TR50 ETC-CFS04V3TR50 Datasheet
1Mb / 20P
   Thin Film Chip Fuse
logo
AVX Corporation
F1206A0R20FSTR AVX-F1206A0R20FSTR_11 Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
F0402E0R25FSTR AVX-F0402E0R25FSTR_17 Datasheet
214Kb / 17P
   SMD Thin-Film Fuse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com