Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPS12V6TR50 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CPS12V6TR50
Description  Thin Film Chip Fuse
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CPS12V6TR50 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CPS12V6TR50 Datasheet HTML 1Page - List of Unclassifed Manufacturers CPS12V6TR50 Datasheet HTML 2Page - List of Unclassifed Manufacturers CPS12V6TR50 Datasheet HTML 3Page - List of Unclassifed Manufacturers CPS12V6TR50 Datasheet HTML 4Page - List of Unclassifed Manufacturers CPS12V6TR50 Datasheet HTML 5Page - List of Unclassifed Manufacturers CPS12V6TR50 Datasheet HTML 6Page - List of Unclassifed Manufacturers CPS12V6TR50 Datasheet HTML 7Page - List of Unclassifed Manufacturers CPS12V6TR50 Datasheet HTML 8Page - List of Unclassifed Manufacturers CPS12V6TR50 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Thin Film Chip Fuse
Document No TCPS-XXOS004F
Issued date
2012/06/28
Page
2/19
TA-I TECHNOLOGY CO., LTD
4. Dimensions
Unit: mm
5. Applications and ratings
Part
Designation
Marking
Rated
Current
Fusing
Time
Resistance
(mΩ)
Tolerance±
25%
Rated
Voltage
Breaking
Capacity
Body
Temperature
rising
CPS06V5TR50
F
0.50A
Open within
1~120sec.at
200%
rated
current
264
DC 50V
DC50V 50A
<75℃at
100% rated
current
CPS06V3TR63
I
0.63A
200
DC 32V
DC32V
50A
CPS06V3TR80
K
0.80A
143
CPS06V3T1R0
L
1.00A
83
CPS06V3T1R25
M
1.25A
54
CPS06V3T1R50
P
1.50A
42
CPS06V3T1R60
N
1.60A
40
CPS06V3T2R0
S
2.00A
28
CPS06V3T2R50
T
2.50A
21.5
CPS06V3T3R00
3
3.00A
18
CPS06V3T3R15
U
3.15A
16
CPS06V3T4R0
W
4.00A
13
CPS06V3T5R0
Y
5.00A
9.5
CPS06V3T6R0
6
6.00A
6
Type
(Inch Size code)
Dimensions (mm)
L
W
C
d
t
CPS06
(0603)
1.6±0.1
0.80±0.1
0.3±0.2
0.35±0.2
0.45±0.1
CPS12
(1206)
3.1±0.1
1.55±0.1
0.5±0.3
0.50±0.2
0.60±0.1


Similar Part No. - CPS12V6TR50

ManufacturerPart #DatasheetDescription
logo
Endress+Hauser Group Se...
CPS12 EH-CPS12 Datasheet
638Kb / 12P
   Orbisint CPS12/CPS12D/CPS13
05.05
CPS12E EH-CPS12E Datasheet
686Kb / 12P
   ORP sensor for standard applications in process technology and environmental engineering
2020-06-29
More results

Similar Description - CPS12V6TR50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP04V3TR50 ETC-CP04V3TR50 Datasheet
1Mb / 17P
   Thin Film Chip Fuse
logo
Vishay Siliconix
MFUAT VISHAY-MFUAT Datasheet
120Kb / 8P
   Thin Film Chip Fuse
01-Jan-2022
logo
List of Unclassifed Man...
CH06V5TR50 ETC-CH06V5TR50 Datasheet
683Kb / 13P
   Thin Film Chip Fuse
logo
American Accurate Compo...
TCFQ05-V2-R501R0M AAC-TCFQ05-V2-R501R0M Datasheet
370Kb / 3P
   THIN FILM CHIP FUSE
logo
KOA Speer Electronics, ...
TF10BN KOA-TF10BN Datasheet
125Kb / 2P
   thin film chip fuse
TF16SN125TTE KOA-TF16SN125TTE Datasheet
270Kb / 2P
   thin film chip fuse
logo
List of Unclassifed Man...
CF04V3TR315 ETC-CF04V3TR315 Datasheet
1Mb / 20P
   Thin Film Chip Fuse
CFS04V3TR50 ETC-CFS04V3TR50 Datasheet
1Mb / 20P
   Thin Film Chip Fuse
logo
AVX Corporation
F1206A0R20FSTR AVX-F1206A0R20FSTR_11 Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
F0402E0R25FSTR AVX-F0402E0R25FSTR_17 Datasheet
214Kb / 17P
   SMD Thin-Film Fuse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com