Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN28FTN103 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # CN28FTN103
Description  Thick Film Chip Resistor Networks
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CN28FTN103 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button CN28FTN103 Datasheet HTML 3Page - List of Unclassifed Manufacturers CN28FTN103 Datasheet HTML 4Page - List of Unclassifed Manufacturers CN28FTN103 Datasheet HTML 5Page - List of Unclassifed Manufacturers CN28FTN103 Datasheet HTML 6Page - List of Unclassifed Manufacturers CN28FTN103 Datasheet HTML 7Page - List of Unclassifed Manufacturers CN28FTN103 Datasheet HTML 8Page - List of Unclassifed Manufacturers CN28FTN103 Datasheet HTML 9Page - List of Unclassifed Manufacturers CN28FTN103 Datasheet HTML 10Page - List of Unclassifed Manufacturers CN28FTN103 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Thick Film Chip Resistor Arrays
Thick Film Chip Resistor Networks
(Lead-Free for CN Series Standard)
Halogen-Free
Document No. TCN-XX0S001R
Revise Date
2012/11/07
page number
11 /11
TA-I TECHNOLOGY CO., LTD
11. Storage Conditions:
Temperature : 5 to 35 ℃
Related Humidity :40 to 75% RH
12. Shelf Life :
2 Years from manufacturing date.
13. ECN :
Engineering Change Notice: The customer will be informed with ECN if there is significant
modification on the characteristics and materials described in Approval Sheet.
14. Manufacturing Country & City :
TA-I TECHNOLOGY CO., LTD. ( Taiwan– Tao Yuan )
Tel: 886-3-3246169
Fax : 886-3-3246167
Associated companies :
(1) FORTUNE TASK RESISTOR FACTORY ( China – Dongguan )
Tel : 86-769-8339-4790〜3 Fax : 86-769-8339-4794
(2) TA-I TECHNOLOGY (DONGGUAN ) CO., LTD. ( China –Dongguan )
Tel : 86-769-8339-4790〜3 Fax : 86-769-8339-4794
(3) TA-I TECHNOLOGY ( SU ZHOU ) CO., LTD. ( China – Su Zhou)
Tel :86- 512-63457879 Fax : 86-512-63457869
(4) TAI OHM ELECTRONICS ( M ) SDN. BHD. ( Malaysia – Pulaupinang )
Tel :604- 3900480
Fax : 604-3901481
(5) P.T.TAI ELECTRONICS Indonesia ( Indonesia – Jakarta )
Tel : 62-21-89830123 Fax : 62-21-89830703


Similar Part No. - CN28FTN103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CN28FT0 ETC-CN28FT0 Datasheet
703Kb / 10P
   Thick Film Chip Resistors Arrays
More results

Similar Description - CN28FTN103

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RA-RB MERITEK-RA-RB Datasheet
142Kb / 2P
   Thick Film Resistor Networks
logo
Riedon Powertron
TF3006A RIEDON-TF3006A Datasheet
195Kb / 2P
   Thick Film Resistor Networks
logo
American Accurate Compo...
CRN062V102JAM AAC-CRN062V102JAM Datasheet
312Kb / 6P
   Thick Film Chip Resistor Arrays & Networks
logo
ABCO ELECTRONICS CO.LTD
ANR9X472J ABCO-ANR9X472J Datasheet
560Kb / 2P
   THICK FILM RESISTOR NETWORKS
logo
Bourns Electronic Solut...
4B04B BOURNS-4B04B Datasheet
109Kb / 1P
   Thick Film Surge Resistor Networks
logo
List of Unclassifed Man...
898 ETC1-898 Datasheet
174Kb / 4P
   DAUL-IN-LINE THICK FILM RESISTOR NETWORKS
logo
Vishay Siliconix
SOMC VISHAY-SOMC Datasheet
120Kb / 3P
   Thick Film, Dual-in-Line Resistor Networks
Revision: 21-Aug-06
logo
List of Unclassifed Man...
898-5-R220 ETC1-898-5-R220 Datasheet
61Kb / 4P
   Dual-In-Line Thick Film Resistor Networks
logo
Samsung semiconductor
RC1608J000CS SAMSUNG-RC1608J000CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201_13 Datasheet
167Kb / 1P
   Thick Film Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com