Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT06V5TR315 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CT06V5TR315
Description  Surface Mount Fuse
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CT06V5TR315 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CT06V5TR315 Datasheet HTML 1Page - List of Unclassifed Manufacturers CT06V5TR315 Datasheet HTML 2Page - List of Unclassifed Manufacturers CT06V5TR315 Datasheet HTML 3Page - List of Unclassifed Manufacturers CT06V5TR315 Datasheet HTML 4Page - List of Unclassifed Manufacturers CT06V5TR315 Datasheet HTML 5Page - List of Unclassifed Manufacturers CT06V5TR315 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Surface Mount Fuse
(Thin Film Chip Fuse)
Document No
TCT-060S001A
Issued date
2014/02/25
Page
4/6
TA-I TECHNOLOGY CO., LTD
RoHS
Pb
8. Reliability Tests
Parameter
Requirement
Test Method
Reference Standard
Carrying capacity
No fusing
Rated current ,4hr
UL248-14
Fusing Time
Within 2 minute
200% of its rated current
IEC60127-4-9.2.1
Breaking capacity
Without
permanent
arcing、
ignition、
bursting of fuse
The rated voltage of the fuse and shall
be maintained for 30 s after the fuse
has operated.
IEC60127-1
IEC60127-4-9.3.1
Insulation
Resistance
0.1MΩ and
more
Measure with DC twice the rated
voltage after breaking capacity
IEC60127-4-9.3.3
Bending Test
No mechanical
damages
Distance between holding points:
90mm, Bending:3mm,1time ,30sec
IEC60115-1-4.33
Resistance to
solder Heat
△ R∣<20%
260℃±5℃,10±1second
IEC60028-2-58
Solderability
95% coverage
minimum
235℃±5℃, 2±0.2second
(Solder : Sn96.5 / Ag3.0 / Cu0.5)
IEC60028-2-58
Temperature Rise
△ T<70℃
125% of its rated current, Measure of
surface temperature rise
IEC60127-4-9.7
Resistance to Dry
Heat
△ R∣<20%
155℃±5℃,96 hrs
IEC60115-1-4.23.2
JIS C5201-1-4.23.2
Resistance to
Solvent
No evident
damages on
protective
coating and
marking
15 s with a piece of cloth soaked in
water and again for 15 s with a piece of
cloth soaked in petroleum spirit.
IEC60127-1-6.2
Thermal Shock
△ R∣<10%
-55℃/+25℃/+155℃/+25℃, 10 cycles
MIL-STD 202-107G
Humidity
△ R∣<20%
40±2°C/90~95%RH,1000 hrs
MIL-STD-202G
Method 103B
9. Storage Conditions:
Temperature: 5℃~35℃,Humidity:40%~75%
10. Shelf Life:
2 years from manufacturing date


Similar Part No. - CT06V5TR315

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
CT06-050 ICE-CT06-050 Datasheet
557Kb / 1P
   Current Sense Transformer
CT06-100 ICE-CT06-100 Datasheet
557Kb / 1P
   Current Sense Transformer
CT06-150 ICE-CT06-150 Datasheet
557Kb / 1P
   Current Sense Transformer
CT06-200 ICE-CT06-200 Datasheet
557Kb / 1P
   Current Sense Transformer
CT06-250 ICE-CT06-250 Datasheet
557Kb / 1P
   Current Sense Transformer
More results

Similar Description - CT06V5TR315

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NFVC-H NIC-NFVC-H Datasheet
102Kb / 4P
   Surface Mount Fuse
NFCC_NFHC NIC-NFCC_NFHC Datasheet
96Kb / 5P
   Surface Mount Fuse
NFCC-NFHC NIC-NFCC-NFHC Datasheet
102Kb / 5P
   Surface Mount Fuse
NFSC NIC-NFSC Datasheet
95Kb / 3P
   Surface Mount Fuse
NFVC NIC-NFVC Datasheet
102Kb / 4P
   Surface Mount Fuse
NFVC-S NIC-NFVC-S Datasheet
225Kb / 4P
   Surface Mount Fuse
logo
Schurter Inc.
0001.2706.11 SCHURTER-0001.2706.11 Datasheet
457Kb / 3P
   Surface Mount Fuse
0001.2704.11 SCHURTER-0001.2704.11 Datasheet
458Kb / 3P
   Surface Mount Fuse
logo
Littelfuse
0242.050HAT1 LITTELFUSE-0242.050HAT1 Datasheet
488Kb / 1P
   BARRIER FUSE SURFACE MOUNT
logo
Schurter Inc.
FUSEKITUMT-H SCHURTER-FUSEKITUMT-H Datasheet
165Kb / 2P
   Fuse Kit Surface Mount Fuse UMT-H
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com