Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN34JT0 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CN34JT0
Description  Thick Film Chip Resistors Arrays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CN34JT0 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CN34JT0 Datasheet HTML 2Page - List of Unclassifed Manufacturers CN34JT0 Datasheet HTML 3Page - List of Unclassifed Manufacturers CN34JT0 Datasheet HTML 4Page - List of Unclassifed Manufacturers CN34JT0 Datasheet HTML 5Page - List of Unclassifed Manufacturers CN34JT0 Datasheet HTML 6Page - List of Unclassifed Manufacturers CN34JT0 Datasheet HTML 7Page - List of Unclassifed Manufacturers CN34JT0 Datasheet HTML 8Page - List of Unclassifed Manufacturers CN34JT0 Datasheet HTML 9Page - List of Unclassifed Manufacturers CN34JT0 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Thick Film Chip Resistors Arrays
(Lead-Free for CN 0 ohm Series)
Halogen-Free
Document No. TCN-XX0S036C
Revise Date
2014/04/25
page number
6/10
TA-I TECHNOLOGY CO., LTD
6. Marking
6.1
1 digit, e.g.,:(E-24)
0 = 0Ω.
6.2
No Marking for CN22
7. Taping & Reel
7.1 Taping Dimensions
7.1.1
2 mm pitch paper
UNIT: mm
Type
A
B
W
F
E
P1
P2
P0
ψD0
T0
CN22
1.2±0.15
1.2±0.1
8.0±0.2
3.5±0.05 1.75±0.1 2.0±0.1
2.0±0.05
4.0±0.1
+0.1
1.5
-0
0.45±0.1
CN24
2.2±0.2
0.64±0.1
7.1.2
4 mm pitch paper
UNIT: mm
Type
A
B
W
F
E
P1
P2
P0
ψD0
T
CN28
1.9±0.2
4.3±0.2
8.0±0.2 3.5±0.05
1.75±0.1
4.0±0.1
2.0±0.05
4.0±0.1
+0.1
1.5
-0
0.84±0.1
CN32
1.8±0.2
1.8±0.2
CN34
2.0±0.15
3.6±0.2


Similar Part No. - CN34JT0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CN34JTN103 ETC-CN34JTN103 Datasheet
1Mb / 11P
   Thick Film Chip Resistor Networks
CN34JTN1540 ETC-CN34JTN1540 Datasheet
1Mb / 11P
   Thick Film Chip Resistor Networks
CN34JTN43R2 ETC-CN34JTN43R2 Datasheet
1Mb / 11P
   Thick Film Chip Resistor Networks
CN34JTN5R6 ETC-CN34JTN5R6 Datasheet
1Mb / 11P
   Thick Film Chip Resistor Networks
More results

Similar Description - CN34JT0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
741C083 ETC1-741C083 Datasheet
644Kb / 4P
   THICK FILM CHIP RESISTORS ARRAYS
logo
UNIOHM CORPORATION
CRA024R UNIOHM-CRA024R Datasheet
1Mb / 2P
   Thick Film Chip Resistors Arrays (Convex)
SCRA024R UNIOHM-SCRA024R Datasheet
1Mb / 2P
   Thick Film Chip Resistors Arrays (Lead Free-Convex)
logo
TT Electronics.
BCN TTELEC-BCN_18 Datasheet
623Kb / 9P
   Thick Film Chip Arrays
logo
List of Unclassifed Man...
CNC22JTN102 ETC-CNC22JTN102 Datasheet
902Kb / 8P
   Thick Film Chip Resistor Arrays
CNC24JTN102 ETC-CNC24JTN102 Datasheet
939Kb / 8P
   Thick Film Chip Resistor Arrays
CNC34JTN102 ETC-CNC34JTN102 Datasheet
952Kb / 8P
   Thick Film Chip Resistor Arrays
CNCR24JTN102 ETC-CNCR24JTN102 Datasheet
934Kb / 8P
   Thick Film Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT25 BOURNS-CAT25 Datasheet
191Kb / 2P
   Thick Film Chip Resistor Arrays
CAT25-103JALF BOURNS-CAT25-103JALF Datasheet
210Kb / 2P
   Thick Film Chip Resistor Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com