Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNC24JTN102 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CNC24JTN102
Description  Thick Film Chip Resistor Arrays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CNC24JTN102 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  CNC24JTN102 Datasheet HTML 1Page - List of Unclassifed Manufacturers CNC24JTN102 Datasheet HTML 2Page - List of Unclassifed Manufacturers CNC24JTN102 Datasheet HTML 3Page - List of Unclassifed Manufacturers CNC24JTN102 Datasheet HTML 4Page - List of Unclassifed Manufacturers CNC24JTN102 Datasheet HTML 5Page - List of Unclassifed Manufacturers CNC24JTN102 Datasheet HTML 6Page - List of Unclassifed Manufacturers CNC24JTN102 Datasheet HTML 7Page - List of Unclassifed Manufacturers CNC24JTN102 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Thick Film Chip Resistor Arrays
( Lead-Free for CNC24 Concave Type )
Halogen-Free
Document No
TCNC-240S001F
Revised Date
2012/07/25
page number
6 / 8
TA-I TECHNOLOGY CO., LTD
7.3 Peel off Strength:
Peel –off force of paper and blister tape is in accordance with “JIS-C5202”
that is , 0.1 to 0.7 N at a peel-off speed of 300 mm / minute.
pull
top cover tape
300mm/min
10〜15∘
standard : 0.1〜0.7N
carrier tape
8. Label
8.1 Manufacture Label :
8.1.1 Chip Resistor Arrays
Date Code Resistance Tolerance Type
Lot No:
8.2. Customer Label ( By customer request ) :
8.2.1 Chip Resistor Arrays
QTY: 10000 PCS
102
J
63140076K-
0631
CNC24JT
TA-I TECH
LEAD FREE
0402 8P4R 5% 1KΩ
21-283-621004 CNC24JT102
04.05.21
Lead-Free Product
Date
Product Spec
Customer No


Similar Part No. - CNC24JTN102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNC22JTN102 ETC-CNC22JTN102 Datasheet
902Kb / 8P
   Thick Film Chip Resistor Arrays
logo
Panasonic Semiconductor
CNC2S501 PANASONIC-CNC2S501 Datasheet
77Kb / 4P
   Optoisolators
More results

Similar Description - CNC24JTN102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNC22JTN102 ETC-CNC22JTN102 Datasheet
902Kb / 8P
   Thick Film Chip Resistor Arrays
CNC34JTN102 ETC-CNC34JTN102 Datasheet
952Kb / 8P
   Thick Film Chip Resistor Arrays
CNCR24JTN102 ETC-CNCR24JTN102 Datasheet
934Kb / 8P
   Thick Film Chip Resistor Arrays
logo
Bi technologies
BCN BITECH-BCN Datasheet
135Kb / 10P
   Thick Film Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT25 BOURNS-CAT25 Datasheet
191Kb / 2P
   Thick Film Chip Resistor Arrays
CAT25-103JALF BOURNS-CAT25-103JALF Datasheet
210Kb / 2P
   Thick Film Chip Resistor Arrays
logo
American Accurate Compo...
CRN062V102JAM AAC-CRN062V102JAM Datasheet
312Kb / 6P
   Thick Film Chip Resistor Arrays & Networks
logo
Bourns Electronic Solut...
CAT25-273JALF BOURNS-CAT25-273JALF Datasheet
210Kb / 2P
   CAT25 - Thick Film Chip Resistor Arrays
CAT25-474JALF BOURNS-CAT25-474JALF Datasheet
229Kb / 3P
   CAT25 - Thick Film Chip Resistor Arrays
CAT25-104JALF BOURNS-CAT25-104JALF Datasheet
210Kb / 2P
   CAT25 - Thick Film Chip Resistor Arrays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com