Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC4503WLTRT Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC4503WLTRT
Description  1.3MHz Step-Up Switching Regulator with 1.4A Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4503WLTRT Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC4503WLTRT Datasheet HTML 4Page - Semtech Corporation SC4503WLTRT Datasheet HTML 5Page - Semtech Corporation SC4503WLTRT Datasheet HTML 6Page - Semtech Corporation SC4503WLTRT Datasheet HTML 7Page - Semtech Corporation SC4503WLTRT Datasheet HTML 8Page - Semtech Corporation SC4503WLTRT Datasheet HTML 9Page - Semtech Corporation SC4503WLTRT Datasheet HTML 10Page - Semtech Corporation SC4503WLTRT Datasheet HTML 11Page - Semtech Corporation SC4503WLTRT Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
 2007 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4503
Applications Information
Operation
The SC4503 is a 1.3MHz peak current-mode step-up
switching regulator with an integrated 1.4A (minimum)
power transistor. Referring to the block diagram, Figure
2, the clock CLK resets the latch and blanks the power
transistor Q
3 conduction. Q3 is switched on at the trailing
edge of the clock.
Switch current is sensed with an integrated sense resistor.
The sensed current is summed with the slope-compensat-
ing ramp and fed into the modulating ramp input of the
PWM comparator. The latch is set and Q
3 conduction is
terminated when the modulating ramp intersects the error
amplifier (EA) output. If the switch current exceeds 1.9A (the
typical current-limit), then the current-limit comparator ILIM
will set the latch and turn off Q
3. Due to separate pulse-
width modulating and current limiting paths, cycle-by-cycle
current limiting is not affected by slope compensation.
The current-mode switching regulator is a dual-loop feed-
back control system. In the inner current loop the EA output
controls the peak inductor current. In the outer loop, the
error amplifier regulates the output voltage. The double
reactive poles of the output LC filter are reduced to a single
real pole by the inner current loop, allowing the internal loop
compensation network to accommodate a wide range of
input and output voltages.
Applying 0.9V at the
SS
SHDN
pin enables the voltage refer-
ence. The signal “REF NOT READY” does not go low until
V
IN exceeds its under-voltage lockout threshold (typically
2.2V). Assume that an external resistor is placed between
the IN and the
SS
SHDN
pins during startup. The voltage
reference is enabled when the
SS
SHDN
voltage rises to
0.9V. Before V
IN reaches 2.2V, “REF NOT READY” is high.
Q
2 turns on and the Zener diode Z1 loosely regulates the
SS
SHDN
voltage to 1V (above the reference enabling volt-
age). The optional external resistor limits the current drawn
during under-voltage lockout.
When V
IN exceeds 2.2V, “REF NOT READY” goes low. Q2 turns
off, releasing
SS
SHDN
. If an external capacitor is connected
from the
SS
SHDN
pin to the ground, the
SS
SHDN
voltage
will ramp up slowly. The error amplifier output, which is
clamped by D1 and Q1, follows the voltage at the
SS
SHDN
pin. The input inductor current, which is in turn controlled
by the error amplifier output, also ramps up gradually.
Soft-starting the SC4503 in this manner eliminates high
input current and output overshoot. Under fault condition
(V
IN < 2.2V or over-temperature), the soft-start capacitor is
discharged to 1V. When the fault condition disappears, the
converter again undergoes soft-start.
Setting the Output Voltage
An external resistive divider R
1 and R2 with its center tap
tied to the FB pin (Figure 3) sets the output voltage.
=
(1)
Figure 3. R
1- R2 Divider Sets the Output Voltage
The input bias current of the error amplifier will introduce
an error of:
(
)
=
(2)
The percentage error of a V
OUT = 5V converter with R1 =
100k
Ω and R
2 = 301kΩ is
(
)
=
=
This error is much less than the ratio tolerance resulting
from the use of 1% resistors in the divider string.
VOUT
R2
R1
25nA
FB
3
SC4503
VOUT
R2
R1
25nA
FB
3
SC4503
VOUT
R2
R1
25nA
FB
3
SC4503
VOUT
R2
R1
25nA
FB
3
SC4503


Similar Part No. - SC4503WLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4503 SEMTECH-SC4503 Datasheet
1Mb / 22P
   1.3MHz Step-Up Switching Regulator with 1.4A Switch
SC4503EVB SEMTECH-SC4503EVB Datasheet
1Mb / 22P
   1.3MHz Step-Up Switching Regulator with 1.4A Switch
SC4503TSKTRT SEMTECH-SC4503TSKTRT Datasheet
1Mb / 22P
   1.3MHz Step-Up Switching Regulator with 1.4A Switch
More results

Similar Description - SC4503WLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4503 SEMTECH-SC4503 Datasheet
1Mb / 22P
   1.3MHz Step-Up Switching Regulator with 1.4A Switch
logo
Linear Technology
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
LT1936 LINER-LT1936 Datasheet
298Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
LT3508 LINER-LT3508_15 Datasheet
320Kb / 26P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT3508 LINER-LT3508 Datasheet
316Kb / 24P
   Dual Monolithic 1.4A Step-Down Switching Regulator
logo
Semtech Corporation
SC2308A SEMTECH-SC2308A Datasheet
741Kb / 17P
   600kHz Step-Up Switching Regulator with 2.2A, 45V Switch
logo
Linear Technology
LT1940 LINER-LT1940 Datasheet
256Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
logo
Monolithic Power System...
EV0034 MPS-EV0034 Datasheet
178Kb / 4P
   2A, 1.3MHz Step-Up Converter
logo
Linear Technology
LT1940 LINER-LT1940_15 Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
logo
Linear Dimensions Semic...
LT1940LEFE LINEAR_DIMENSIONS-LT1940LEFE Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com