Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM7900 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM7900
Description  3-TERMINAL NEGATIVE VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM7900 Datasheet(HTML) 4 Page - New Japan Radio

  NJM7900 Datasheet HTML 1Page - New Japan Radio NJM7900 Datasheet HTML 2Page - New Japan Radio NJM7900 Datasheet HTML 3Page - New Japan Radio NJM7900 Datasheet HTML 4Page - New Japan Radio NJM7900 Datasheet HTML 5Page - New Japan Radio NJM7900 Datasheet HTML 6Page - New Japan Radio NJM7900 Datasheet HTML 7Page - New Japan Radio NJM7900 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NJM7900
- 4 -
Ver.2014-07-31
■ ELECTRICAL CHARACTERISTICS (T
j25ºC, CIN2.2μF, CO1.0μF)
Measurement is to be conducted in pulse testing.
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
NJM7918FA
Output Voltage
VO
VIN
-27V, I
O
0.5A
-17.3
-18.0
-18.7
V
Line Regulation
ΔVO- VIN
VIN
-21 to –33V, I
O
0.5A
-
4
180
mV
Load Regulation
ΔVO - IO
VIN
-27V, I
O
0.005 to 1.5A
-
60
210
mV
Quiescent Current
IQ
VIN
-27V, I
O
0mA
-
2.7
6.0
mA
Average Temperature
Coefficient of Output Voltage
ΔVO/ΔT
VIN
-27V, I
O
5mA
-
-0.6
-
mV/ºC
Ripple Rejection
RR
VIN
-27V, I
O
0.5A, e
in
2V
P-P, f
120Hz
54
66
-
dB
Output Noise Voltage
VNO
VIN
-27V, I
O
0.5A, BW10Hzto 100kHz,
-
200
-
μV
NJM7924FA
Output Voltage
VO
VIN
-33V, I
O
0.5A
-23.0
-24.0
-25.0
V
Line Regulation
ΔVO- VIN
VIN
-27 to –38V, I
O
0.5A
-
5
240
mV
Load Regulation
ΔVO - IO
VIN
-33V, I
O
0.005 to 1.5A
-
60
270
mV
Quiescent Current
IQ
VIN
-33V, I
O
0mA
-
2.7
6.0
mA
Average Temperature
Coefficient of Output Voltage
ΔVO/ΔT
VIN
-33V, I
O
5mA
-
-0.8
-
mV/ºC
Ripple Rejection
RR
VIN
-33V, I
O
0.5A, e
in
2V
P-P, f
120Hz
54
64
-
dB
Output Noise Voltage
VNO
VIN
-33V, I
O
0.5A, BW10Hzto 100kHz,
-
300
-
μV


Similar Part No. - NJM7900

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM7900 NJRC-NJM7900 Datasheet
314Kb / 8P
   3-TERMINAL NEGAYIVE VOLTAGE REGULATOR?
NJM7900 NJRC-NJM7900 Datasheet
426Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
NJM7900FA NJRC-NJM7900FA Datasheet
314Kb / 8P
   3-TERMINAL NEGAYIVE VOLTAGE REGULATOR?
More results

Similar Description - NJM7900

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
   3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
   3-Terminal Negative Voltage Regulator
SM79L18 SECOS-SM79L18 Datasheet
356Kb / 2P
   3-Terminal Negative Voltage Regulator
SI79XXA SECOS-SI79XXA Datasheet
466Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
New Japan Radio
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL7909XE3 CYSTEKEC-PL7909XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7915XE3 CYSTEKEC-PL7915XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7908XE3 CYSTEKEC-PL7908XE3 Datasheet
149Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S79LXX SECOS-S79LXX Datasheet
720Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
Cystech Electonics Corp...
PL7905XE3 CYSTEKEC-PL7905XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
NJM79L05UA-TE1 ETC2-NJM79L05UA-TE1 Datasheet
246Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com