Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HP50-24 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HP50-24
Description  Wire SPT1 2 and 3 conductor 105C, 300 volts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HP50-24 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HP50-24 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GardTec, Inc. • 2909 Mt. Pleasant Street • Racine, WI USA
Questions or to order please call
(262) 634-5560
Part Number:
Wire:
SPT1 2 and 3 conductor 105˚C, 300 volts
Lengths:
Standard (12”, 24”, 36”, 40”,
48”, 50”, 60” and 80”)
Custom (any length you desire.
When ordering, add desired length to
part number (i.e. 52.5” would be HP50-52.5))
Other options:
• terminal connections (any)
• heat shrink
• labeling
• stripping
• tinning
• three conductor cords
• complete wire harness assemblies
(rated at 105˚C, 300 volts)
• red tracer cords
(all head configurations and lengths)
Listings:
HP50 (”90˚” Plug)
UL listed (E189621, E156798)
Rated 10 AMP/125 VAC
CSA listed (LR76679-1)
Rated 7 AMP/125 VAC
.16 in
4.1mm
.53 in
13.6mm
.32 in
8.0mm
.60 in
15.2mm
.60 in
15.2mm
.31 in
7.9mm


Similar Part No. - HP50-24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HP50-295 ETC2-HP50-295 Datasheet
69Kb / 2P
   HP5 CYCL-FLEX짰 Reset Timer
More results

Similar Description - HP50-24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HP25-24 ETC2-HP25-24 Datasheet
205Kb / 1P
   SPT1 2 conductor 105C, 300 volts
logo
General Cable Technolog...
01278.70.01 GENERAL-01278.70.01 Datasheet
79Kb / 1P
   3-Conductor Grounded . Type SJ, SJOW and SJOOW . 60?C . 300 Volts
00436.63.17 GENERAL-00436.63.17 Datasheet
80Kb / 1P
   3-Conductor Grounded . Type SPT-3 . 15 and 20 Amps . 60?C . 300 Volts
00594.63.04 GENERAL-00594.63.04 Datasheet
64Kb / 1P
   3-Conductor Grounded . Type STW, SJEOOW and SJTW . -40쨘C to 60?C . 300 and 600 Volts
02332.70.01 GENERAL-02332.70.01 Datasheet
73Kb / 1P
   Pro Flex짰 Rubber Extension Cords 3-Conductor Grounded . Type SJ . 60?C . 300 Volts
03302.63.04 GENERAL-03302.63.04 Datasheet
71Kb / 1P
   Safety Orange Extension Cords 3-Conductor Grounded . Type SJTW . -40쨘C to 60?C . 300 Volts
logo
Kemet Corporation
ALA8DA301CF500 KEMET-ALA8DA301CF500 Datasheet
66Kb / 1P
   ALA8D, Aluminum Electrolytic, 105C, 300 uF, 20%, 500 VDC, -40/105C
logo
General Cable Technolog...
03390.63.05 GENERAL-03390.63.05 Datasheet
64Kb / 1P
   Lifetime Plus짰 Super Flex짰 Lighted Extension Cords 3-Conductor Grounded . Type SJTW . -50쨘C to 60?C . 300 Volts
logo
Nihon Inter Electronics...
PFT2014N NIEC-PFT2014N_1 Datasheet
198Kb / 3P
   200A Avg 300 Volts
PFT2004N NIEC-PFT2004N_1 Datasheet
204Kb / 3P
   200A Avg 300 Volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com