Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XF1676S4 Datasheet(PDF) 1 Page - XFMRS Inc.

Part # XF1676S4
Description  SURFACE MOUNT INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

XF1676S4 Datasheet(HTML) 1 Page - XFMRS Inc.

  XF1676S4 Datasheet HTML 1Page - XFMRS Inc. XF1676S4 Datasheet HTML 2Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
XFMRS
XFMRS, INC.
1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
1
SURFACE MOUNT INDUCTORS
ELECTRICAL SPECIFICATIONS @ 25° C
Calculation
Data
Nom DCR
Rn
(mOhms)
1 Smp DC
HI
(Orsted)
100 Gauss
ET100
(Orsted)
60.3
109
141
233
330
472
750
1040
1480
12.5
37.8
54.7
75.8
115
14.8
14.3
19.3
30.3
7.20
10.5
16.3
3.39
4.64
7.18
10.7
2.16
3.16
5.75
5.30
21.9
39.3
23.2
28.8
50.5
57.7
86.5
84.4
95.7
8.74
13.7
15.8
15.9
18.5
8.87
9.25
9.38
11.0
6.53
7.03
8.67
4.90
5.16
6.30
6.24
381
4.22
5.52
4.75
0.94
1.68
4.12
1.09
8.97
14.2
21.3
37.2
56.9
0.37
2.42
3.88
7.02
11.0
1.58
2.27
4.13
6.55
1.61
3.10
5.15
1.20
2.27
3.75
7.93
0.94
1.86
3.28
6.04
Control Values
MAX DCR
RDC
(mOhms)
L w/o DC
LO
(Orsted)
Size
Code
70.0
125
166
290
380
560
862
1250
1700
11.0
43.4
63.0
85.0
133
17.3
17.7
22.3
32.0
8.3
12.4
18.7
4.0
5.4
8.3
12.3
2.5
3.6
6.6
6.2
7.0
22.7
35.3
73.0
167
292
672
1134
1950
1.10
12.3
21.9
40.5
72.9
5.20
7.5
14.0
25.9
3.80
7.9
16.0
2.10
4.20
8.4
17.6
1.25
2.80
6.5
10.5
S3
S3
S4
S5
S4
S5
S5
S6
S7
S3
S4
S5
S6
S7
S4
S5
S6
S7
S5
S6
S7
S8
S9
S10
S11
S8
S9
S10
S11
Reference Values(2)
Part
Number(1)
L w/DC
LDC
(µHy)
IDC
(3)
(Amps)
ET
1.33
2.40
4.60
7.83
10.0
15.7
23.5
36.5
54.4
0.532
2.70
4.29
6.90
10.5
1.76
2.51
4.06
6.27
1.77
3.04
4.92
1.33
2.23
3.58
6.84
1.035
1.83
3.13
5.21
6.20
17.6
29.7
58.1
114
192
383
645
1070
1.01
9.4
16.2
29.1
50.0
3.8
5.1
9..0
16.1
2.5
4.9
9.3
1.32
2.5
4.7
9.4
0.81
1.68
3.5
5.2
1.40
1.00
1.40
1.30
0.94
0.90
0.72
0.74
0.71
3.4
2.8
2.7
2.7
2.6
4.8
5.4
5.5
5.1
8.0
7.8
7.2
11.5
11.4
10.4
10.9
14.3
13.9
12.4
15.4
XF0076S3
XF0226S3
XF0356S4
XF0736S5
XF1676S4
XF2926S5
XF6726S5
XF0013S6
XF0023S7
XF0016S3
XF0126S4
XF0216S5
XF0406S6
XF0726S7
XF0056S4
XF0076S5
XF0146S6
XF0256S7
XF0036S5
XF0076S6
XF0166S7
XF0026S8
XF0046S9
XF0086S10
XF0176S11
XF0016S8
XF0026S9
XF0066S10
XF0106S11


Similar Part No. - XF1676S4

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF1676S4 XFMRS-XF1676S4 Datasheet
34Kb / 2P
   SURFACE MOUNT INDUCTORS
XF1676S4 XFMRS-XF1676S4 Datasheet
54Kb / 1P
   Surface Mount Inductor
XF1676S4 XFMRS-XF1676S4 Datasheet
54Kb / 1P
   Surface Mount Inductor
XF1676S4 XFMRS-XF1676S4_15 Datasheet
54Kb / 1P
   SURFACE MOUNT INDUCTOR
More results

Similar Description - XF1676S4

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-15100 RHOMBUS-IND-L-15100 Datasheet
36Kb / 1P
   Surface Mount Inductors
logo
API Delevan
M0820-00K API-M0820-00K Datasheet
42Kb / 1P
   Surface Mount Inductors
logo
TOKO, Inc
888FU-101M TOKO-888FU-101M Datasheet
29Kb / 1P
   Surface mount inductors
logo
XFMRS Inc.
XF0256S7 XFMRS-XF0256S7 Datasheet
55Kb / 1P
   SURFACE MOUNT INDUCTORS
XF0036S5 XFMRS-XF0036S5 Datasheet
54Kb / 1P
   SURFACE MOUNT INDUCTORS
XF677240 XFMRS-XF677240 Datasheet
76Kb / 2P
   SURFACE MOUNT INDUCTORS
XF0026S8 XFMRS-XF0026S8_15 Datasheet
39Kb / 1P
   SURFACE MOUNT INDUCTORS
XF0076S3 XFMRS-XF0076S3 Datasheet
34Kb / 2P
   SURFACE MOUNT INDUCTORS
logo
API Delevan
M1330-94K API-M1330-94K Datasheet
46Kb / 1P
   Surface Mount Inductors
logo
XFMRS Inc.
XF0176S11 XFMRS-XF0176S11 Datasheet
60Kb / 1P
   SURFACE MOUNT INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com