Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XF0050-VP Datasheet(PDF) 1 Page - XFMRS Inc.

Part # XF0050-VP
Description  RF TRANSFORMER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

XF0050-VP Datasheet(HTML) 1 Page - XFMRS Inc.

  XF0050-VP Datasheet HTML 1Page - XFMRS Inc. XF0050-VP Datasheet HTML 2Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
XFMRS
XFMRS, INC.
1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
1
• LOW COST
• SHORT LEAD TIMES
• EXCELLENT FOR AC RIPPLE AND SWITCH MODE POWER SUPPLIES
• STABLE INDUCTANCE FROM NO LOAD TO FULL RATED CURRENT
• UNIVERSAL APPLICATIONS
• HIGH DC CURRENT HANDLING CAPABILITIES
• CUSTOM VERSIONS AVAILABLE
• SURFACE MOUNT VERSIONS AVAILABLE
• OTHER CONFIGURATIONS AVAILABLE (POT CORE, ROD CORE, EE CORE, RM CORE, ETC.)
ELECTRICALSPECIFICATIONS@25C
HORIZONTALENCAPSULATEDCONFIGURATION
PACKAGE
STYLE
HP
HP
HP
HP
HP
HP
HP
HP
HP
* Current that causes a maximum 15% drop in inductance.
VERTICALENCAPSULATEDCONFIGURATION
E
(NOM.
INCHES)
.036
.032
.028
.025
.025
.046
.040
.036
.032
.028
.023
.051
.056
.040
.036
.032
.028
.025
T
(NOM.
INCHES)
.250
.250
.250
.250
.250
.350
.350
.350
.350
.350
.350
.400
.400
.400
.400
.400
.400
.400
H
(NOM.
INCHES)
1.7502
1.7502
1.7502
1.7502
1.7502
1.9502
1.9502
1.9502
1.9502
1.9752
1.9752
1.1752
1.1752
1.1752
1.1752
11.2522
11.2522
11.2522
W
(NOM.
INCHES)
.400
.400
.400
.400
.400
.500
.500
.500
.500
.500
.500
.660
.660
.660
.660
.660
.660
.660
L
(NOM.
INCHES)
1.750
1.750
1.750
1.750
1.750
1.800
1.800
1.800
1.800
1.800
1.800
1.160
1.160
1.160
1.160
1.160
1.160
1.160
DCR
OHMS
(MAX)
.010
.020
.030
.045
.055
.015
.025
.035
.050
.070
.155
.020
.030
.035
.050
.090
.180
.250
CURRENT
RATING*
(AMPS DC)
3.0
2.0
1.5
1.0
1.0
5.0
4.0
3.0
2.5
2.0
1.5
6.0
4.5
4.0
3.0
2.0
1.5
1.0
INDUCTANCE
@1kHz
± 10%
10uh
25uh
50uh
75uh
100uh
10uh
25uh
50uh
75uh
100uh
250uh
25uh
50uh
75uh
100uh
250uh
500uh
750uh
XF0010-VP
XF0025-VP
XF0050-VP
XF0075-VP
XF0100-VP
1XF0010-VP
1XF0025-VP
1XF0050-VP
1XF0075-VP
1XF0100-VP
1XF0250-VP
2XF0025-VP
2XF0050-VP
2XF0075-VP
2XF0100-VP
2XF0250-VP
2XF0500-VP
2XF0750-VP
PART
NUMBER
DCR OHMS
(MAX)
0.150
0.150
0.200
0.250
0.280
0.360
0.360
1.100
2.400
CURRENT RATING*
AMPS DC
4.0
3.5
3.0
2.5
2.0
2.0
2.0
1.0
0.5
INDUCTANCE
@1 .0kHz, 1.0V ± 10%
10uh
25uh
50uh
75uh
100uh
150uh
250uh
500uh
1000uh
XF0010-HP
XF0025-HP
XF0050-HP
XF0075-HP
XF0100-HP
XF0150-HP
XF0250-HP
XF0500-HP
XF1000-HP
PART
NUMBER


Similar Part No. - XF0050-VP

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0050-VP XFMRS-XF0050-VP Datasheet
32Kb / 2P
   LOW COST
More results

Similar Description - XF0050-VP

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
   RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
   RF Transformer
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
   RF Transformer
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
   RF TRANSFORMER
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
   RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
logo
Mini-Circuits
ADT4-1WT MINI-ADT4-1WT_15 Datasheet
201Kb / 1P
   RF Transformer
ADT4-5WT MINI-ADT4-5WT Datasheet
186Kb / 1P
   RF Transformer
ADT9-1T MINI-ADT9-1T Datasheet
204Kb / 1P
   RF Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com