Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H7680 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # H7680
Description  Gated PMT Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H7680 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  H7680 Datasheet HTML 1Page - Hamamatsu Corporation H7680 Datasheet HTML 2Page - Hamamatsu Corporation H7680 Datasheet HTML 3Page - Hamamatsu Corporation H7680 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The H7680/-01 PMT modules are capable of high-speed, high-repetition ga-
ted operation. An optimum design in the combination of circuit and photomul-
tiplier tube delivers excellent gating characteristics including a minimum gate
width of 30 ns (H7680-01), 100 kHz repetition rate, and a gate extinction ratio
of 107. The H7680/-01 can operate on a low +15 V supply because of incor-
porating high-voltage power suppy circuit. And, the incorporated PMT gain
can be controled by adjusting the control voltage between +2 V to +5 V.
52
Product Variations
Specifications
Gated PMT Modules
H7680/-01
Type No.
Parameter
H7680 / H7680-01
H7680
H7680-01
Supply Voltage
Max. Input Voltage
Max. Input Current
Max. Surge Current
Effective Area
Peak Sensitivity Wavelength
Pulse Linearity *1
Max. Output Signal Current
Operating Ambient Temperature
Storage Temperature
Weight
+14 to +16
+17
400
4.0
24
420
100
100
+5 to +40
-20 to +50
850
Unit
V
V
mA
A
mm
nm
mA
µA
°C
°C
g
Normally ON type
Normally OFF type
300 nm to 650 nm
Features
Spectral Response
Parameter
H7680 / H7680-01
Photocathode Material
Window Material
Dynode Structure
Number of Dynodes
Cathode
Character-
istics
Anode
Character-
istics *1
Gain *1
Time *1
Response
Luminous Sensitivity
Radiant Sensitivity *2
Blue Sensitivity Index (CS 5-58)
Luminous Sensitivity
Radiant Sensitivity *2
Dark Current *3
Rise Time
Transit Time
TTS
Typ.
Max.
Bialkali
Borosilicate glass
Linear focused type
10
95
88
11.0
475
4.4
× 105
10
200
5
× 106
1.7
16
500
Unit
µA/lm
mA/W
A/lm
A/W
ns
ns
ps
*1: Control voltage = +4.5 V
*2: Measured at the peak sensitivity wavelength
*3: Measured when photomultiplier tube operation is ON. After 30 minute storage in darkness
nA


Similar Part No. - H7680

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
H768 GILWAY-H768 Datasheet
61Kb / 1P
   LED Panel Mounting Clips
More results

Similar Description - H7680

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7169 HAMAMATSU-C7169 Datasheet
285Kb / 4P
   Power Supply for PMT Modules
H10515B HAMAMATSU-H10515B_15 Datasheet
560Kb / 12P
   LINEAR ARRAY MULTIANODE PMT ASSEMBLIES AND MODULES
H11890 HAMAMATSU-H11890_15 Datasheet
114Kb / 2P
   Metal Package PMT
H11870 HAMAMATSU-H11870_15 Datasheet
104Kb / 2P
   Head-on PMT
H8249 HAMAMATSU-H8249 Datasheet
86Kb / 2P
   Side-on PMT
H10425 HAMAMATSU-H10425_15 Datasheet
67Kb / 2P
   Head-on PMT
H8259 HAMAMATSU-H8259_15 Datasheet
87Kb / 2P
   Side-on PMT
H10723 HAMAMATSU-H10723_15 Datasheet
84Kb / 2P
   Metal Package PMT
H11461 HAMAMATSU-H11461_15 Datasheet
75Kb / 2P
   Side-on PMT
H11123 HAMAMATSU-H11123_15 Datasheet
73Kb / 2P
   Metal Package PMT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com