Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2040 Datasheet(PDF) 1 Page - XFMRS Inc.

Part # 2040
Description  BROADCOM XF5100T4
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

2040 Datasheet(HTML) 1 Page - XFMRS Inc.

  2040 Datasheet HTML 1Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
XFMRS
XFMRS, INC.
1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
1
ELECTRICAL SPECIFICATIONS:
Turns Ratio:
TX:
1:2CT+/-1% Maximum
RX:
1:1 +/-1% Maximum
Isolation Voltage: 2000 Vrms (Between chip side and cable side)
Output Inductance: 350uh Min. @0.1Vrms 100KHz
Return Loss:
2MHz–12.5MHz
25dB Minimum into 100 ohms load
Insertion Loss:
TX: 2MHz–12.5MHz 0.5dB Maximum
RX: 2MHz–12.5MHz 0.5dB Maximum
CMRR:
1MHz–30MHz
30dB Minimum
30MHz–100MHz
20dB Minimum
Crosstalk Attenuation between adjacent channels:
2MHz–12.5MHz
40dB Minimum
Dimensions:
Schematics:
BROADCOM XF5100T4
1.200 Max
0.015
0.004
0.750
0.018 +/- 0.002
XFMRS YYWW
XF5100T4
0.012
0.008
0.025
0.016
6
T6
7
30
29
28
2
T5
3
32
31
14
T4
15
20
22
19
21
18
10
T7
11
25
27
24
26
23
16
13
12
9
8
4
5
1
T1
T2
T3
T8
17
RX2
TX1
RX3
TX3
RX4
TX4
BCM5100
SIDE
UTP
SIDE
Pair 4
Pair 3
Pair 1
Pair 2


Similar Part No. - 2040

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2040.0609 SCHURTER-2040.0609 Datasheet
451Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom
2040.0609 SCHURTER-2040.0609 Datasheet
256Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom, 250 VAC, 63 VDC
2040.0610 SCHURTER-2040.0610 Datasheet
451Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom
2040.0610 SCHURTER-2040.0610 Datasheet
256Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom, 250 VAC, 63 VDC
2040.0611 SCHURTER-2040.0611 Datasheet
451Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom
More results

Similar Description - 2040

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF5100T4 XFMRS-XF5100T4 Datasheet
41Kb / 1P
   BROADCOM
2040 XFMRS-2040_15 Datasheet
41Kb / 1P
   BROADCOM
logo
Integrated Circuit Syst...
ICS650-07B ICST-ICS650-07B Datasheet
44Kb / 4P
   Broadcom Clock Source
logo
Bel Fuse Inc.
S560-6600-Y7 BEL-S560-6600-Y7 Datasheet
56Kb / 2P
   VDSL Magnetics Broadcom
S560-6600-R1 BEL-S560-6600-R1 Datasheet
55Kb / 2P
   VDSL Magnetics Broadcom
logo
Integrated Circuit Syst...
ICS650-11B ICST-ICS650-11B Datasheet
70Kb / 4P
   BroadCom Networking Clock Synthesizer
logo
Cypress Semiconductor
CY26187-2 CYPRESS-CY26187-2 Datasheet
184Kb / 6P
   Broadcom Reference Design Clock Generator
logo
Integrated Device Techn...
8V49N211 IDT-8V49N211 Datasheet
614Kb / 33P
   Clock Generator for Broadcom Processor
logo
Integrated Circuit Syst...
ICS556-01 ICST-ICS556-01 Datasheet
144Kb / 6P
   BROADCOM 25 MHZ LVDS CLOCK
logo
Integrated Device Techn...
8V49N231 IDT-8V49N231 Datasheet
677Kb / 31P
   Clock Generator for Broadcom Processor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com