Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XFATM2 Datasheet(PDF) 1 Page - XFMRS Inc.

Part # XFATM2
Description  HIGH SPEED SMT MAGNETIC MODULES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

XFATM2 Datasheet(HTML) 1 Page - XFMRS Inc.

  XFATM2 Datasheet HTML 1Page - XFMRS Inc. XFATM2 Datasheet HTML 2Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
XFMRS
XFMRS, INC.
1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
1
Schematics:
HIGH SPEED SMT MAGNETIC MODULES
FOR 10/100BASE-TX APPLICATIONS
Dimensions:
Electrical Specifications:
1.000 Max
[25.40 Max]
0.390 Max
[9.90 Max]
0.500 Typ
[12.70 Typ]
0.100 Typ
[2.54 Typ]
0.018
[0.46]
0.700
[17.78]
XFMRS YYWW
0.370 Max
[9.40 Max]
0.004 Max
[0.10 Max]
CO-PLANARITY ±
SEE FOLLOWING PAGE
MEETS OPEN CIRCUIT INDUCTANCE (OCL) SPECIFICATIONS OF 350uH MIN WITH 8mA DC BIAS FROM
0-70oC
DESIGNS AVAILABLE FOR ALL 10/100BASE-TX PHY CHIPS
CUSTOM DESIGNS AVAILABLE INCLUDING THROUGH HOLE AND COMBOS
TURNS RATIOS: 1CT:1CT (Tx) / 1CT:1CT (Rx)
XFATM2
XFATM3
XFATM6
XFATM7
XFATM8
-1.1
-1.1
-1.1
-1.1
-1.1
4.0ns
4.0ns
4.0ns
4.0ns
4.0ns
-15 TX / -17 RX
-15 TX / -17 RX
-15 TX / -17 RX
-15 TX / -17 RX
-15 TX / -17 RX
-11 TX / -14 RX
-11 TX / -14 RX
-11 TX / -14 RX
-11 TX / -14 RX
-11 TX / -14 RX
-42 TX / -40 RX
-42 TX / -40 RX
-42 TX / -40 RX
-42 TX / -40 RX
-42 TX / -40 RX
-40 TX / -35 RX
-40 TX / -35 RX
-40 TX / -35 RX
-40 TX / -35 RX
-40 TX / -35 RX
-40
-40
-40
-40
-40
-38
-38
-38
-38
-38
1500
1500
1500
1500
1500
Part
Number
Insertion
Loss 0.1 to
125 MHz
(dB MAX)
Rise Time
(ns TYP)
(10-90%)
Return Loss
(dB TYP)
Differential to Common
Mode Rejection (dB MIN)
Crosstalk
(dB MAX)
Voltage
Isolation
(Vrms
min)
0.1-60 MHz
60-100 MHz
0.1-60 MHz
60-100 MHz
0.1-60 MHz 60-100 MHz


Similar Part No. - XFATM2

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFATM2 XFMRS-XFATM2 Datasheet
118Kb / 1P
   HIGH SPEED SMT MAGNETIC MODULES FOR 10/100BASE-TX APPLICATIONS
XFATM2 XFMRS-XFATM2 Datasheet
59Kb / 1P
   HIGH SPEED LAN MAGNETICS
XFATM2 XFMRS-XFATM2 Datasheet
440Kb / 6P
   HIGH SPEED COMBO MAGNETIC MODULES FOR 10/100BASE-TX APPLICATIONS
XFATM2-C1-2S XFMRS-XFATM2-C1-2S Datasheet
67Kb / 2P
   SINGLE PORT COMBO
XFATM2-C1-2S XFMRS-XFATM2-C1-2S Datasheet
118Kb / 2P
   SINGLE PORT COMBO
More results

Similar Description - XFATM2

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
2101 XFMRS-2101_15 Datasheet
172Kb / 5P
   HIGH SPEED SMT MAGNETIC MODULES
2031 XFMRS-2031_15 Datasheet
118Kb / 2P
   HIGH SPEED SMT MAGNETIC MODULES
2033 XFMRS-2033 Datasheet
141Kb / 3P
   HIGH SPEED SMT MAGNETIC MODULES
2033 XFMRS-2033_15 Datasheet
141Kb / 3P
   HIGH SPEED SMT MAGNETIC MODULES
2100 XFMRS-2100 Datasheet
217Kb / 5P
   HIGH SPEED SMT MAGNETIC MODULES
2101 XFMRS-2101 Datasheet
172Kb / 5P
   HIGH SPEED SMT MAGNETIC MODULES
2100 XFMRS-2100_15 Datasheet
217Kb / 5P
   HIGH SPEED SMT MAGNETIC MODULES
XF6611TX XFMRS-XF6611TX Datasheet
141Kb / 3P
   HIGH SPEED SMT MAGNETIC MODULES FOR 10/100BASE-TX APPLICATIONS
XFATM2 XFMRS-XFATM2 Datasheet
118Kb / 1P
   HIGH SPEED SMT MAGNETIC MODULES FOR 10/100BASE-TX APPLICATIONS
XFATM2B XFMRS-XFATM2B Datasheet
172Kb / 1P
   HIGH SPEED SMT MAGNETIC MODULES FOR 10/100BASE-TX APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com