Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5784-20 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # H5784-20
Description  Photosensor Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H5784-20 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  H5784-20 Datasheet HTML 1Page - Hamamatsu Corporation H5784-20 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
28
Product Variations
Specifications
The H5784 series photosensor modules are comprised of a metal package pho-
tomultiplier tube, a low-power consumption high-voltage power supply and a low
noise amplifier. The electrical current from the photomultiplier tube is converted to
a voltage by an amplifier for easy signal processing. The H5784 is highly resistant
to noise since the amplifier is installed near the anode output pin of the photomul-
tiplier tube. The amplifier feedback resistance of 1 M
Ω allows a current-to-voltage
conversion factor of 1 V/
µA, and covers a frequency bandwidth from DC to 20
kHz.
Metal package PMT
Photosensor Modules H5784 Series
Type No.
H5784
H5784-01
H5784-02
H5784-03
H5784-04
H5784-06
H5784-20
300 nm to 650 nm
300 nm to 850 nm
300 nm to 880 nm
185 nm to 650 nm
185 nm to 850 nm
185 nm to 650 nm
300 nm to 900 nm
For general applications in visible range
For general applications in visible to near IR range
High sensitivity in near IR range.
For UV to visible range
For UV to near IR range
For UV to visible range (synthetic silica window) with higher sensitivity below 300 nm than -03 type
Infrared-extended multialkali photocathode with enhanced sensitivity
Spectral Response
1 V/
µA
Current-to-voltage
Conversion Factor
DC to 20 kHz
Frequency
Bandwidth
Features
*1: Measured at the peak sensitivity wavelength
*2: Control voltage = +0.8 V
*3: After 30 minute storage in darkness
*4: Cable RG-174/U, Cable length 450 mm, Load resistance = 1 M
Ω, Load capacitance = 22 pF
*5: The time required for the output to reach a stable level following a change in the control voltage from +1.0 V to +0.5 V.
Parameter
H5784 Series
Suffix
Input Voltage
Max. Input Voltage
Max. Input Current
Max. Output Signal Voltage
Max. Control Voltage
Recommended Control Voltage Adjustment Range
Effective Area
Sensitivity Adjustment Range
Peak Sensitivity Wavelength
Current-to-Voltage Conversion Factor
Offset Voltage *2
Ripple Noise *2 *4 (peak to peak)
Settling Time *5
Operating Ambient Temperature
Storage Temperature
Weight
±11.5 to ±15.5
±18
+9/-1
+10 (load resistance 10 k
Ω)
+1.0 (Input impedance 100 k
Ω)
+0.25 to +0.9
8
1: 104
1
±3
2
2
+5 to +50
-20 to +50
100
None/-03/-06
420
40
70
8
62
1.0
× 107
5.0
× 107
43
0.2
2
-01/-04
400
80
150
0.2
60
1.5
× 107
7.5
× 107
30
0.4
4
-02
500
200
250
0.25
58
2.5
× 107
1.25
× 108
29
2
20
-20
630
350
500
0.45
78
3.5
× 107
2.5
× 108
39
2
20
Unit
V
V
mA
V
V
V
mm
nm
µA/lm
mA/W
V/lm
V/nW
mV
V/
µA
mV
mV
s
°C
°C
g
Min.
Typ.
Min.
Typ.
Typ.
Max.
Typ.
Max.
Luminous Sensitivity
Blue Sensitivity Index (CS 5-58)
Red/White Ratio
Radiant Sensitivity *1
Luminous Sensitivity *2
Radiant Sensitivity *1 *2
Voltage Output Depending
on PMT Dark Current *2 *3


Similar Part No. - H5784-20

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H5783-01 HAMAMATSU-H5783-01 Datasheet
91Kb / 2P
   Photosensor Modules
H5783-02 HAMAMATSU-H5783-02 Datasheet
91Kb / 2P
   Photosensor Modules
H5783-03 HAMAMATSU-H5783-03 Datasheet
91Kb / 2P
   Photosensor Modules
H5783-04 HAMAMATSU-H5783-04 Datasheet
91Kb / 2P
   Photosensor Modules
H5783-06 HAMAMATSU-H5783-06 Datasheet
91Kb / 2P
   Photosensor Modules
More results

Similar Description - H5784-20

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H12056-01 HAMAMATSU-H12056-01 Datasheet
104Kb / 2P
   Photosensor Modules
H7422 HAMAMATSU-H7422 Datasheet
160Kb / 4P
   Photosensor Modules
H10720 HAMAMATSU-H10720_15 Datasheet
87Kb / 2P
   Photosensor Modules
H5773 HAMAMATSU-H5773 Datasheet
91Kb / 2P
   Photosensor Modules
H9305 HAMAMATSU-H9305_15 Datasheet
213Kb / 4P
   PHOTOSENSOR MODULES
H11461-01 HAMAMATSU-H11461-01 Datasheet
75Kb / 2P
   Photosensor Modules
H9306 HAMAMATSU-H9306_15 Datasheet
209Kb / 4P
   PHOTOSENSOR MODULES
C9051 HAMAMATSU-C9051 Datasheet
142Kb / 2P
   Photosensor amplifier
C2719 HAMAMATSU-C2719 Datasheet
477Kb / 6P
   Photosensor amplifier
logo
Panasonic Semiconductor
ON2175 PANASONIC-ON2175 Datasheet
28Kb / 1P
   Reflective Photosensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com