Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XF-16P-019A Datasheet(PDF) 1 Page - XFMRS Inc.

Part # XF-16P-019A
Description  STANDARD MODEM TRANSFORMERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

XF-16P-019A Datasheet(HTML) 1 Page - XFMRS Inc.

  XF-16P-019A Datasheet HTML 1Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
XFMRS
XFMRS, INC.
1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
27
STANDARD MODEM TRANSFORMERS
• SMALL SIZE, LOW PROFILE
• COST EFFECTIVE
• 3750 Vrms ISOLATION AVAILABLE PER UL 1950 & IEC 950
• CUSTOM DESIGNS AVAILABLE - NO EXTRA CHARGE
ELECTRICAL SPECIFICATIONS @ 25° C
SCHEMATICS:
DIMENSIONS:
Schematic/
Package
Isolation
Voltage
Part
Number
Turns
Ratio
Pri.
DCR
XF-16P-117
XF-16P-6133
XF-16P-122A
XF-16P-019A
XF-16P-6661
1:1
1:1
1:1
1:1
1:1
Line
IMP
600
600
600
600
600
Return
Loss
I Loss
Freq.
Resp.
Sec
DCR
Load
IMP
402
420
357
560
442
115
± 8%
105
± 10%
127.5
± 6%
65
80
± 10%
91
81
127.5
65
80
2.0dB
Max
1.7dB
Typ
2.65dB
Max
1.15
Max
2.0dB
Max
±.2dB
38dB Typ
200-4KHz
±.2dB
25dB Typ
200-4KHz
±.3dB
300-4KHz
±.2dB
23dB Typ
300-4KHz
±.3dB
23dB Typ
300-4KHz
1500 VAC
1000 VAC
3750 VAC
3750 VAC
1500 VAC
A / A
A / A
B / B
C / B
D / A
B
A
A
B
C
D


Similar Part No. - XF-16P-019A

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF-16P-019A XFMRS-XF-16P-019A Datasheet
36Kb / 1P
   MODEM TRANSFORMER
XF-16P-019A XFMRS-XF-16P-019A Datasheet
51Kb / 1P
   STANDARD MODEM TRANSFORMERS
XF-16P-019A XFMRS-XF-16P-019A Datasheet
36Kb / 1P
   MODEM TRANSFORMER
XF-16P-019A XFMRS-XF-16P-019A_15 Datasheet
36Kb / 1P
   MODEM TRANSFORMER
More results

Similar Description - XF-16P-019A

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF-16P-117 XFMRS-XF-16P-117 Datasheet
51Kb / 1P
   STANDARD MODEM TRANSFORMERS
1027 XFMRS-1027_15 Datasheet
51Kb / 1P
   STANDARD MODEM TRANSFORMERS
1102 XFMRS-1102 Datasheet
98Kb / 2P
   PCMCIA MODEM TRANSFORMERS
1102 XFMRS-1102_15 Datasheet
98Kb / 2P
   PCMCIA MODEM TRANSFORMERS
logo
Rhombus Industries Inc.
T-33001 RHOMBUS-IND-T-33001 Datasheet
31Kb / 1P
   PCMCIA Modem Transformers
logo
Bel Fuse Inc.
2802A BEL-2802A Datasheet
38Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformers
0574-1000-15 BEL-0574-1000-15 Datasheet
40Kb / 1P
   V.34 MODEM TRANSFORMERS
logo
List of Unclassifed Man...
TTC-50231 ETC2-TTC-50231 Datasheet
640Kb / 4P
   Voice/Modem Line Transformers
logo
Bel Fuse Inc.
2796A BEL-2796A Datasheet
42Kb / 2P
   MODEM MAGNETICS PCMCIA V.34 Modem Transformers
logo
Rhombus Industries Inc.
T-33000 RHOMBUS-IND-T-33000 Datasheet
55Kb / 2P
   Modem Coupling & Voiceband Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com