Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XF04061-2B Datasheet(PDF) 2 Page - XFMRS Inc.

Part # XF04061-2B
Description  TRANSFORMERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

XF04061-2B Datasheet(HTML) 2 Page - XFMRS Inc.

  XF04061-2B Datasheet HTML 1Page - XFMRS Inc. XF04061-2B Datasheet HTML 2Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
XFMRS
XFMRS, INC.
7570 E. Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
17
T3 / DS3 / E3 / STS-1
TRANSFORMERS
Dimensions: (
)
Inches
mm
SUGGESTED PAD LAYOUT
XF-2S
XF-20
XF-2B
XF-TM
Leads are 22 AWG solderable.
Leads are:
.010 (0.25) X .020 (0.51)
solderable.
Notes: Leads are 24 AWG solderable.
Unused pins not provided.


Similar Part No. - XF04061-2B

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF04061-2B XFMRS-XF04061-2B Datasheet
61Kb / 2P
   T3 / DS3 / E3 / STS-1 TRANSFORMERS
More results

Similar Description - XF04061-2B

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF00123D1 XFMRS-XF00123D1 Datasheet
75Kb / 1P
   TRANSFORMERS
XF1006A-2S XFMRS-XF1006A-2S Datasheet
52Kb / 1P
   TRANSFORMERS
XF00123D1 XFMRS-XF00123D1_15 Datasheet
75Kb / 1P
   TRANSFORMERS
XF1006A-2S XFMRS-XF1006A-2S_15 Datasheet
52Kb / 1P
   TRANSFORMERS
XF01962-20 XFMRS-XF01962-20_15 Datasheet
42Kb / 1P
   TRANSFORMERS
XF0013W16 XFMRS-XF0013W16_15 Datasheet
48Kb / 1P
   TRANSFORMERS
XF5006T7 XFMRS-XF5006T7_15 Datasheet
67Kb / 1P
   TRANSFORMERS
XF1006A-2S XFMRS-XF1006A-2S Datasheet
42Kb / 1P
   TRANSFORMERS
XF00123D XFMRS-XF00123D Datasheet
39Kb / 1P
   TRANSFORMERS
XF0506-CM4 XFMRS-XF0506-CM4 Datasheet
42Kb / 1P
   TRANSFORMERS
XF0356-CM1 XFMRS-XF0356-CM1 Datasheet
87Kb / 1P
   TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com