Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5783P-01 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # H5783P-01
Description  Photosensor Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H5783P-01 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  H5783P-01 Datasheet HTML 1Page - Hamamatsu Corporation H5783P-01 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
16
Specifications
*1: Measured at the peak sensitivity wavelength
*2: Control voltage = +0.8 V
*3: After 30 minute storage in darkness
*4: Cable RG-174/U, Cable length 450 mm, Load resistance = 1 M
Ω, Load capacitance = 22 pF
*5: The time required for the output to reach a stable level following a change in the control voltage from +1.0 V to +0.5 V.
The H5773/H5783/H6779/H6780 series are photosensor modules housing a metal
package PMT and high-voltage power supply circuit. The metal package PMTs
have a metallic package with the same diameter as a TO-8 package used for semi-
conductor photodetectors, and deliver high gain, wide dynamic range and high-
speed response while maintaining small dimensions identical to those of photo-
diodes. The internal high-voltage power supply circuit is also compact, making the
module easy to use.
Considering the mounting methods, a cable output type and a pin output type are
provided, and a total of 7 types are available according to the wavelength range to
be measured. A P-type is also available with selected gain and dark count ideal for
photon counting under extremely low light conditions.
Product Variations
Metal Package PMT
Photosensor Modules H5773/H5783/H6779/H6780 Series
Type No.
Suffix
H5773
H5783
H5773P
H5783P
H6779
H6780
On-board
Cable output
On-board
Cable output
On-board
Cable output
Low power consumption
For photon counting
Low power consumption
Low ripple noise
Fast settling time
None
-01
-02
-03
-04
-06
-20
Output Type
-06
-04
-03
-02
-01
yes
yes
yes
yes
yes
yes
yes
yes
no
no
yes
yes
yes
yes
no
no
yes
yes
yes
yes
no
no
yes
yes
yes
yes
no
no
yes
yes
yes
yes
no
no
yes
yes
-20
yes
yes
no
no
yes
yes
None
Features
Suffix
300 nm to 650 nm
300 nm to 850 nm
300 nm to 880 nm
185 nm to 650 nm
185 nm to 850 nm
185 nm to 650 nm
300 nm to 900 nm
Spectral Response
The suffix -06 type (synthetic silica window) has
higher sensitivity than the -03 type below 300
nm in wavelength range.
Parameter
H5773 / H5783 / H6779 / H6780 Series
Suffix
Input Voltage
Max. Input Voltage
Max. Input Current
Max. Output Signal Current
Max. Control Voltage
Recommended Control Voltage Adjustment Range
Effective Area
Sensitivity Adjustment Range
Peak Sensitivity Wavelength
Rise Time *2
Ripple Noise *2 *4 (peak to peak)
Settling Time *5
Operating Ambient Temperature
Storage Temperature
Weight
1.2
2
+5 to +50
60
80
0.6
0.2
+5 to +45
60
80
-20 to +50
None
420
40
70
8
62
10
50
4.3
× 104
0.2
2
7.5
× 105
1
× 106
6.2
× 104
80
400
-03, -06
420
40
70
8
62
10
50
4.3
× 104
0.2
2
-01, -04
+11.5 to +15.5
+18
H5773 / H5783 Series: 9
H6779 / H6780 Series: 30
100
+1.0 (Input impedance 100 k
Ω)
+0.25 to +0.9
8
1: 104
400
80
150
0.2
60
15
75
3.0
× 104
0.4
4
0.78
-02
500
200
250
0.25
58
25
125
2.9
× 104
2
20
-20
630
350
500
0.45
78
35
250
3.9
× 104
2
20
Unit
V
V
mA
µA
V
V
mm
nm
µA/lm
mA/W
A/lm
A/W
nA
A/W
s-1
ns
mV
s
°C
°C
g
Min.
Typ.
Min.
Typ.
Typ.
Max.
Min.
Typ.
Typ.
Max.
Max.
H5773 Series
H5783 Series
H6779 Series
H6780 Series
Luminous Sensitivity
Blue Sensitivity Index (CS 5-58)
Red/White Ratio
Radiant Sensitivity *1
Luminous
Sensitivity
Radiant Sensitivity *1 *2
Dark Current *2 *3
Gain *2
Radiant Sensitivity *1 *2
Dark Count *2 *3


Similar Part No. - H5783P-01

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H5784 HAMAMATSU-H5784 Datasheet
78Kb / 2P
   Photosensor Modules
H5784-01 HAMAMATSU-H5784-01 Datasheet
78Kb / 2P
   Photosensor Modules
H5784-02 HAMAMATSU-H5784-02 Datasheet
78Kb / 2P
   Photosensor Modules
H5784-03 HAMAMATSU-H5784-03 Datasheet
78Kb / 2P
   Photosensor Modules
H5784-04 HAMAMATSU-H5784-04 Datasheet
78Kb / 2P
   Photosensor Modules
More results

Similar Description - H5783P-01

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H12056-01 HAMAMATSU-H12056-01 Datasheet
104Kb / 2P
   Photosensor Modules
H7422 HAMAMATSU-H7422 Datasheet
160Kb / 4P
   Photosensor Modules
H5784 HAMAMATSU-H5784 Datasheet
78Kb / 2P
   Photosensor Modules
H10720 HAMAMATSU-H10720_15 Datasheet
87Kb / 2P
   Photosensor Modules
H9305 HAMAMATSU-H9305_15 Datasheet
213Kb / 4P
   PHOTOSENSOR MODULES
H11461-01 HAMAMATSU-H11461-01 Datasheet
75Kb / 2P
   Photosensor Modules
H9306 HAMAMATSU-H9306_15 Datasheet
209Kb / 4P
   PHOTOSENSOR MODULES
C9051 HAMAMATSU-C9051 Datasheet
142Kb / 2P
   Photosensor amplifier
C2719 HAMAMATSU-C2719 Datasheet
477Kb / 6P
   Photosensor amplifier
logo
Panasonic Semiconductor
ON2175 PANASONIC-ON2175 Datasheet
28Kb / 1P
   Reflective Photosensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com