Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES2K Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # ES2K
Description  SUPER FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

ES2K Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  ES2K Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. ES2K Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SUPER FAST RECTIFIER
Surface Mount
– 2
ES2K
FEATURES
Case: JEDEC DO-214AA molded plastic body
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.09 grams
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3.Thermal resistance from junction to ambient at 0.375”(9.5mm)lead length,P.C.B. mounted
IF(AV)
2.0 A
VRRM
800 V
IFSM
50A
Trr
75 ns
VF
1.7V
IR
5.0 µA
TJ max.
150 °C
Sirocco Logo
Cathode Band
Marking Code
• Super fast switching for high efficiency
• Low leakage current
• High forward surge capability
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
SYMBOL
UNIT
VRRM
VOLTS
VRMS
VOLTS
PARAMETER
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
VDC
VOLTS
Maximum average forward rectified
current at T
A=75℃
I(AV)
Amp
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
Amps
VF
Volts
Maximum instantaneous forward voltage at
2.0A
Maximum DC reverse current
T
A=25 ℃
at rated DC blocking voltage
T
A=100 ℃
IR
μA
Maximum reverse recovery time (NOTE 1)
Trr
nS
Typical junction capacitance (NOTE 2)
CJ
pF
RθJA
/W
Typical thermal resistance (NOTE 3)
Operating junction and storage temperature range
TJ,TSTG
60.0
4
0.0
-65 to +150
1.7
75
2.0
50.0
5.0
50.0
ES2K
800
560
800
DO-214AA (SMB)
ES2K
http://www.trr-jx.com


Similar Part No. - ES2K

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ES2K MCC-ES2K Datasheet
902Kb / 3P
   2 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
TAITRON Components Inco...
ES2K TAITRON-ES2K Datasheet
229Kb / 4P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
ES2K WINNERJOIN-ES2K Datasheet
414Kb / 3P
   Fast RecoverySilicon Rectifier
logo
Microdiode Electronics ...
ES2K CHENDA-ES2K Datasheet
877Kb / 3P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Yangzhou yangjie electr...
ES2K YANGJIE-ES2K Datasheet
448Kb / 4P
   Surface Mount Super Fast Recovery Rectifier
More results

Similar Description - ES2K

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SF11 YANGJIE-SF11 Datasheet
145Kb / 2P
   Super Fast Rectifier
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
   SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
   SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
   SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
   SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
   SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
SF101 JINANJINGHENG-SF101 Datasheet
88Kb / 2P
   SUPER FAST RECTIFIER
SF201 JINANJINGHENG-SF201 Datasheet
89Kb / 2P
   SUPER FAST RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
SF31 CHENG-YI-SF31 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
SF51 CHENG-YI-SF51 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
BYV27-50 BILIN-BYV27-50 Datasheet
124Kb / 2P
   SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com