Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G9214-512S Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # G9214-512S
Description  InGaAs linear image sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G9214-512S Datasheet(HTML) 1 Page - Hamamatsu Corporation

  G9214-512S Datasheet HTML 1Page - Hamamatsu Corporation G9214-512S Datasheet HTML 2Page - Hamamatsu Corporation G9214-512S Datasheet HTML 3Page - Hamamatsu Corporation G9214-512S Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
G9211 to G9214/G9205 to G9208 series InGaAs linear image sensors are specifically designed for near infrared multichannel spectrophotometry.
These linear image sensors consist of an InGaAs photodiode array, a charge amplifier array, an offset compensation circuit, a shift register and a
timing generator formed on a CMOS chip. The charge amplifier array is made up of CMOS transistors connected to each pixel of the InGaAs
photodiode array. Signals from each pixel are read out in charge integration mode to achieve high sensitivity and stable operation in the near
infrared spectral range. The package is hermetically sealed for high reliability.
Signal processing circuits on the CMOS chip allow selecting a feedback capacitance (Cf) of 10 pF or 0.5 pF by using an external voltage input.
The image sensor operates over a wide dynamic range when Cf=10 pF and delivers high gain when Cf=0.5 pF.
IMAGE
SENSOR
InGaAs linear image sensor
Near infrared image sensors (0.9 to 1.67 µm / 2.55 µm)
G9211 to G9214/G9205 to G9208 series
Features
l Wide dynamic range
l Low noise and low dark current
l Selectable gain
l Anti-saturation circuit
l CDS circuit *1
l Offset compensation circuit
l Simple operation (by built-in timing generator) *2
l High resolution: 25 µm pitch (512 ch)
l Low cross-talk
l 256 ch: 1 video line
512 ch: 2 video lines
Applications
l Near infrared multichannel spectrophotometry
l Radiation thermometry
l Non-destructive inspection
Related products
l InGaAs multichannel detector head C8061-01, C8062-01
l Multichannel detector head controller C7557
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1.0
1.5
WAVELENGTH (µm)
(Typ.)
T=25 ˚C
T= -10 ˚C (G9208-256W: T= -20 ˚C)
G9211 TO
G9214 SERIES
G9208-256W
s Spectral response
KMIRB0022EA
*1: CDS (Correlated Double Sampling) circuit
A major source of noise in charge amplifiers is the reset noise gen-
erated when the integration capacitance is reset. A CDS circuit greatly
reduces this reset noise by holding the signal immediately after re-
set to find the noise differential.
*2: Timing generator
Different signal timings must be properly set in order to operate a
shift register. In conventional image sensor operation, external PLDs
(Programmable Logic Devices) are used to input the required timing
signals. However, G9211 to G9214/G9205 to G9208 series image
sensors internally generate all timing signals on the CMOS chip just
by supplying CLK and RESET pulses. This makes it simple to set the
timings.
*3: Percentage of defective pixels
If your application requires sensors with no defective pixels, please
select G9201 series.
1
s Selection guide
Type No.
Cooling
Num ber of
pixels
Pixel pitch
(µm )
Pixel size
[µm (H) × µm (V)]
Spectral
response range
(µm )
Defective
pixel
G9211-256S
256
50
50 × 250
G9212-512S
512
25
25 × 250
G9213-256S
256
50
50 × 500
G9214-512S
One-stage
TE-cooled
512
25
25 × 500
0.9 to 1.70
1 % Max. *
3
G9205-256W
0.9 to 1.85
G9206-256W
0.9 to 2.05
G9207-256W
0.9 to 2.25
G9208-256W
Two-stage
TE-cooled
256
50
50 × 250
0.9 to 2.55
5 % Max.


Similar Part No. - G9214-512S

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G9214-512S HAMAMATSU-G9214-512S Datasheet
132Kb / 4P
   InGaAs linear image sensor
G9214-512S HAMAMATSU-G9214-512S Datasheet
459Kb / 6P
   Near infrared image sensors (0.9 to 1.67 關m / 2.55 關m)
More results

Similar Description - G9214-512S

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G9201 HAMAMATSU-G9201 Datasheet
103Kb / 4P
   InGaAs linear image sensor
G9201 HAMAMATSU-G9201_06 Datasheet
135Kb / 4P
   InGaAs linear image sensor
G9203-256D HAMAMATSU-G9203-256D Datasheet
95Kb / 5P
   InGaAs linear image sensor
G9494-256D HAMAMATSU-G9494-256D Datasheet
132Kb / 5P
   InGaAs linear image sensor
G9211 HAMAMATSU-G9211_05 Datasheet
132Kb / 4P
   InGaAs linear image sensor
C8061 HAMAMATSU-C8061 Datasheet
303Kb / 11P
   Designed for InGaAs linear image sensor
C8061-01 HAMAMATSU-C8061-01_15 Datasheet
1,001Kb / 12P
   Designed for InGaAs linear image sensor
C10820 HAMAMATSU-C10820_15 Datasheet
381Kb / 5P
   Driver circuit for InGaAs linear image sensor
logo
Toshiba Semiconductor
TCD1205D TOSHIBA-TCD1205D Datasheet
484Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1304AP TOSHIBA-TCD1304AP Datasheet
511Kb / 14P
   CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com