Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G9213-256S Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # G9213-256S
Description  InGaAs linear image sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G9213-256S Datasheet(HTML) 3 Page - Hamamatsu Corporation

  G9213-256S Datasheet HTML 1Page - Hamamatsu Corporation G9213-256S Datasheet HTML 2Page - Hamamatsu Corporation G9213-256S Datasheet HTML 3Page - Hamamatsu Corporation G9213-256S Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
InGaAs linear image sensor
G9211 to G9214/G9205 to G9208 series
INTEGRATION
TIME
n ch
(n-1) ch
2 ch
1 ch
8 × N CLOCKS (READOUT TIME)
TRIGGER
(OUTPUT)
VIDEO
(OUTPUT)
CLK
(INPUT)
RESET
(INPUT)
2 CLOCKS
8 CLOCKS
8 CLOCKS
10 CLOCKS MIN.
s Equivalent circuit
CDS
1 PIXEL
INP
SHIFT REGISTER
q(
)
OFFSET
COMPENSATION
VIDEO
AD-TRIG
Cf=0.5 pF
Cf=10 pF
TIMING GENERATOR
CLK
EXTERNAL INPUT
RESET
Vref
Vss
Vdd
PHOTODIODE
KMIRC0010EB
s Timing chart
KMIRC0016EA
s Basic circuit connection
BUFFER
BUFFER
Vss
INP
Cf SELECT
Vdd
RESET
CLK
VIDEO
AD-TRIG
Vref
KMIRC0012EA
3


Similar Part No. - G9213-256S

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G9213-256S HAMAMATSU-G9213-256S Datasheet
132Kb / 4P
   InGaAs linear image sensor
G9213-256S HAMAMATSU-G9213-256S Datasheet
459Kb / 6P
   Near infrared image sensors (0.9 to 1.67 關m / 2.55 關m)
More results

Similar Description - G9213-256S

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G9201 HAMAMATSU-G9201 Datasheet
103Kb / 4P
   InGaAs linear image sensor
G9201 HAMAMATSU-G9201_06 Datasheet
135Kb / 4P
   InGaAs linear image sensor
G9203-256D HAMAMATSU-G9203-256D Datasheet
95Kb / 5P
   InGaAs linear image sensor
G9494-256D HAMAMATSU-G9494-256D Datasheet
132Kb / 5P
   InGaAs linear image sensor
G9211 HAMAMATSU-G9211_05 Datasheet
132Kb / 4P
   InGaAs linear image sensor
C8061 HAMAMATSU-C8061 Datasheet
303Kb / 11P
   Designed for InGaAs linear image sensor
C8061-01 HAMAMATSU-C8061-01_15 Datasheet
1,001Kb / 12P
   Designed for InGaAs linear image sensor
C10820 HAMAMATSU-C10820_15 Datasheet
381Kb / 5P
   Driver circuit for InGaAs linear image sensor
logo
Toshiba Semiconductor
TCD1205D TOSHIBA-TCD1205D Datasheet
484Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1304AP TOSHIBA-TCD1304AP Datasheet
511Kb / 14P
   CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com