Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G5851-103 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # G5851-103
Description  InGaAs PIN photodiode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G5851-103 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  G5851-103 Datasheet HTML 1Page - Hamamatsu Corporation G5851-103 Datasheet HTML 2Page - Hamamatsu Corporation G5851-103 Datasheet HTML 3Page - Hamamatsu Corporation G5851-103 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHOTODIODE
InGaAs PIN photodiode
Long wavelength type
G8421/G8371/G5851 series
Features
l Long cut-off wavelength: 1.9 µm
l 3-pin TO-18 package: low price
l Thermoelectrically cooled TO-18 package: low dark current
l Active area: φ0.3 to φ3 mm
Applications
l Optical power meter
l Gas analyzer
l NIR (near infrared) photometry
I Specifications / Absolute maximum ratings
Absolute maximum ratings
Active
area
Thermistor
power
dissipation
TE-cooler
allowable
current
Reverse
voltage
VR
Operating
temperature
Topr
Storage
temperature
Tstg
Type No.
Dimensional
outline/
Window
material
Package
Cooling
(mm)
(mW)
(A)
(V)
(°C)
(°C)
G8421-03
f0.3
G8421-05
f0.5
G8371-01
TO-18
f1
G8371-03
TO-5
Non-cooled
f3
-
-
-40 to +85 -55 to +125
G5851-103
f0.3
G5851-11
f1
G5851-13
TO-8
One-stage
TE-cooled
f3
1.5
G5851-203
f0.3
G5851-21
f1
G5851-23
TO-8
Two-stage
TE-cooled
f3
0.2
1.0
2
-40 to +70
-55 to +85
I Electrical and optical characteristics (Typ. unless otherwise noted)
Measurement
Condition
Element
temperature
Spectral
response
range
l
Peak
sensitivity
wavelength
lp
Photo
sensitivity
S
l=lp
Dark current
ID
VR=1 V
Cut-off
frequency
fc
VR=1 V
RL=50 W
Terminal
capacitance
Ct
VR=1 V
f=1 MHz
Shunt
resistance
Rsh
V4=10 mV
D*
l=lp
NEP
l=lp
Type No.
(°C)
(µm)
(µm)
(A/W)
Typ.
(nA)
Max.
(nA)
-3 dB
(MHz)
(pF)
(MW)
(cm·Hz1/2/W) (W/Hz1/2)
G8421-03
30
300
100
8
1.5
9 × 10-14
G8421-05
50
500
80
20
1
1.5 × 10-13
G8371-01
100
1000
40
80
0.5
2 × 10-13
G8371-03
25
0.9 to 1.9
2000 20000
3
800
0.05
5 × 1011
8 × 10-13
G5851-103
3
30
100
8
15
3 × 10-14
G5851-11
10
100
40
80
5
6 × 10-14
G5851-13
-10
0.9 to 1.87
200
2000
3
800
0.5
1.5 × 1012
2 × 10-13
G5851-203
1.5
15
100
8
35
2 × 10-14
G5851-21
5
50
40
80
10
4 × 10-14
G5851-23
-20
0.9 to 1.85
1.75
1.1
100
1000
3
800
1
2.5 × 1012
1.5 × 10-13
1


Similar Part No. - G5851-103

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G5851-103 HAMAMATSU-G5851-103 Datasheet
134Kb / 4P
   InGaAs PIN photodiode
More results

Similar Description - G5851-103

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8376 HAMAMATSU-G8376_06 Datasheet
182Kb / 2P
   InGaAs PIN photodiode
G8195 HAMAMATSU-G8195 Datasheet
130Kb / 2P
   InGaAs PIN photodiode
G6742 HAMAMATSU-G6742 Datasheet
336Kb / 2P
   InGaAs PIN photodiode
G8370 HAMAMATSU-G8370 Datasheet
220Kb / 4P
   InGaAs PIN photodiode
G8941 HAMAMATSU-G8941_04 Datasheet
147Kb / 3P
   InGaAs PIN photodiode
G9906-01 HAMAMATSU-G9906-01 Datasheet
61Kb / 2P
   InGaAs PIN photodiode
G8370-10 HAMAMATSU-G8370-10 Datasheet
122Kb / 2P
   InGaAs PIN photodiode
G8605 HAMAMATSU-G8605 Datasheet
247Kb / 4P
   InGaAs PIN photodiode
G8422 HAMAMATSU-G8422 Datasheet
255Kb / 4P
   InGaAs PIN photodiode
logo
KODENSHI_AUK CORP.
KPPB1-LG125 KODENSHI-KPPB1-LG125 Datasheet
190Kb / 2P
   InGaAs PIN Photodiode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com