Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G8370-02 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # G8370-02
Description  InGaAs PIN photodiode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G8370-02 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  G8370-02 Datasheet HTML 1Page - Hamamatsu Corporation G8370-02 Datasheet HTML 2Page - Hamamatsu Corporation G8370-02 Datasheet HTML 3Page - Hamamatsu Corporation G8370-02 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
InGaAs PIN photodiode
G8370 series
s Dimensional outlines (unit: mm)
s Terminal capacitance vs. reverse voltage
KIRDB0247EA
s Shunt resistance vs. ambient temperature
KIRDB0248EA
KIRDA0154EC
➁ G8370-02/-03
➀ G8370-01
1 nF
0.01
0.1
1
10
100
REVERSE VOLTAGE (V)
100 pF
1 pF
10 pF
10 nF
(Typ. Ta=25
˚C, f=1 MHz)
G8370-05
G8370-03
G8370-02
G8370-01
1 G
-40
-20
0
40
60
80
100
AMBIENT TEMPERATURE (˚C)
100 M
1 M
100 k
10 M
10 G
(Typ. VR=10 mV)
20
G8370-03
G8370-02
G8370-01
G8370-05
KIRDA0155EB
WINDOW
2.2 MIN.
4.7 ± 0.1
5.4 ± 0.2
0.45
LEAD
CASE
2.5 ± 0.2
PHOTOSENSITIVE
SURFACE
WINDOW
4.5 MIN.
8.3 ± 0.1
9.2 ± 0.2
0.45
LEAD
CASE
5.1 ± 0.3
1.5 MAX.
PHOTOSENSITIVE
SURFACE
3


Similar Part No. - G8370-02

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8370-10 HAMAMATSU-G8370-10 Datasheet
122Kb / 2P
   InGaAs PIN photodiode
G8370-81 HAMAMATSU-G8370-81 Datasheet
109Kb / 3P
   InGaAs PIN photodiode
G8370-82 HAMAMATSU-G8370-82 Datasheet
109Kb / 3P
   InGaAs PIN photodiode
G8370-83 HAMAMATSU-G8370-83 Datasheet
109Kb / 3P
   InGaAs PIN photodiode
G8370-85 HAMAMATSU-G8370-85 Datasheet
109Kb / 3P
   InGaAs PIN photodiode
More results

Similar Description - G8370-02

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8376 HAMAMATSU-G8376_06 Datasheet
182Kb / 2P
   InGaAs PIN photodiode
G8195 HAMAMATSU-G8195 Datasheet
130Kb / 2P
   InGaAs PIN photodiode
G6742 HAMAMATSU-G6742 Datasheet
336Kb / 2P
   InGaAs PIN photodiode
G8421 HAMAMATSU-G8421 Datasheet
169Kb / 4P
   InGaAs PIN photodiode
G8941 HAMAMATSU-G8941_04 Datasheet
147Kb / 3P
   InGaAs PIN photodiode
G9906-01 HAMAMATSU-G9906-01 Datasheet
61Kb / 2P
   InGaAs PIN photodiode
G8370-10 HAMAMATSU-G8370-10 Datasheet
122Kb / 2P
   InGaAs PIN photodiode
G8605 HAMAMATSU-G8605 Datasheet
247Kb / 4P
   InGaAs PIN photodiode
G8422 HAMAMATSU-G8422 Datasheet
255Kb / 4P
   InGaAs PIN photodiode
logo
KODENSHI_AUK CORP.
KPPB1-LG125 KODENSHI-KPPB1-LG125 Datasheet
190Kb / 2P
   InGaAs PIN Photodiode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com