Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G8341 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # G8341
Description  InGaAs PIN photodiode with preamp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G8341 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  G8341 Datasheet HTML 1Page - Hamamatsu Corporation G8341 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
G8338/G8341/G7871/G8795 series are high-speed receivers specifically developed for 1.3/1.55
µm band optical fiber communications.
These devices incorporate a high-speed, high-sensitivity InGaAs PIN photodiode integrated with a high-speed preamp, allowing easy
connection to a latter-stage circuit. Lens window types are also available for efficient and easy coupling to an optical fiber.
Features
l Wide dynamic range
G8338 series (156 Mbps) : -37 to -5 dBm
G8341 series (622 Mbps) : -32 to -5 dBm
G7871 series (1.25 Gbps) : -25 to -1 dBm
G8795 series (2.5 Gbps) : -22 to +1 dBm
l Integrated with trans-impedance amplifier
l Active area
G8338/G7871 series:
f0.08 mm
G8341/G8795 series:
f0.04 mm
l Supply voltage
G8338/G8341 series: 3.3 V
G7871/G8795 series: 3.3 V, 5 V
l Differential output
Applications
l Optical fiber communications
l Fiber channel
l Gigabit Ethernet
l HDTV
l SDH
PHOTODIODE
InGaAs PIN photodiode with preamp
TO-18 package, 1.3/1.55
mm, 156, 622 Mbps/1.25, 2.5 Gbps
G8338/G8341/G7871/G8795 series
s Absolute maximum ratings (Ta=25 °C)
Parameter
Symbol
G8338
G8338-02
G8341
G8341-02
G7871
G7871-02
G8795
G8795-02
Unit
Supply voltage
Vcc
-0.3, +3.8
-0.3, +3.8
-0.3, +5.5
-0.5, +6
V
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-40 to +85
°C
s Specifications (Typ. Ta=25
°C, Vee=0 V, capacitive coupling, λ=1.31 µm, unless otherwise noted)
G8338 G8338-02 G8341 G8341-02 G7871 G7871-02 G8795 G8795-02
Parameter
Symbol
Condition
Vcc=3.3 V
RL=500
Ω *1
Vcc=3.3 V
RL=500
Ω *1
Vcc=3.3/5 V
RL=50
Vcc=3.3/5 V
RL=50
Unit
Dimensional outline
-
➁➀➁
➃➀
-
Window
-
flat
lens
flat
lens
flat
lens
flat
lens
-
Active area
A
φ0.08
φ0.04
φ0.08
φ0.04
mm
Photo sensitivity
S
*
2, *3
27
17
2.8
1.2
V/mW
Supply current
Icc
dark state, RL=
25
3035
35
mA
Output bias voltage
Vo
dark state, RL=
1.5
1.65
Vcc - 1.7
Vcc - 0.25
V
Rise time
tr
*
3 20 to 80 %
2000
500
250
150
ps
Data rate
B
156 M
622 M
1.25 G
2.5 G
bps
*1: G8338/G8341 series cannot be operated with RL=50
Ω, so they should be used with a load resistance larger than 500 Ω.
*2: Single ended (Vout+) measurement.
*3: G8338/G8341 series: Pin= -30 dBm
G7871 series: Pin= -22 dBm
G8795 series: Pin= -17 dBm
1


Similar Part No. - G8341

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8340 HAMAMATSU-G8340 Datasheet
101Kb / 2P
   InGaAs PIN photodiode with preamp
G8340-11 HAMAMATSU-G8340-11 Datasheet
101Kb / 2P
   InGaAs PIN photodiode with preamp
G8340-12 HAMAMATSU-G8340-12 Datasheet
101Kb / 2P
   InGaAs PIN photodiode with preamp
G8340-21 HAMAMATSU-G8340-21 Datasheet
101Kb / 2P
   InGaAs PIN photodiode with preamp
G8340-22 HAMAMATSU-G8340-22 Datasheet
101Kb / 2P
   InGaAs PIN photodiode with preamp
More results

Similar Description - G8341

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G10342-14 HAMAMATSU-G10342-14 Datasheet
219Kb / 2P
   InGaAs PIN photodiode with preamp
G8339 HAMAMATSU-G8339 Datasheet
118Kb / 2P
   InGaAs PIN photodiode with preamp
G9128 HAMAMATSU-G9128 Datasheet
129Kb / 2P
   InGaAs PIN photodiode with preamp
G10518-51 HAMAMATSU-G10518-51 Datasheet
311Kb / 2P
   InGaAs PIN photodiode with preamp
G9820 HAMAMATSU-G9820 Datasheet
90Kb / 2P
   InGaAs PIN photodiode with preamp
G8340 HAMAMATSU-G8340 Datasheet
101Kb / 2P
   InGaAs PIN photodiode with preamp
G8925 HAMAMATSU-G8925 Datasheet
124Kb / 2P
   InGaAs PIN photodiode with preamp
G12072-54 HAMAMATSU-G12072-54_15 Datasheet
1Mb / 4P
   InGaAs PIN photodiode with preamp
logo
Eudyna Devices Inc
FRM3Z232BS EUDYNA-FRM3Z232BS Datasheet
609Kb / 4P
   InGaAs-PIN/Preamp Preamp
logo
Hamamatsu Corporation
G9822 HAMAMATSU-G9822 Datasheet
167Kb / 3P
   InGaAs PIN photodiodes with preamp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com