Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6849-01 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # G6849-01
Description  InGaAs PIN photodiode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G6849-01 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  G6849-01 Datasheet HTML 1Page - Hamamatsu Corporation G6849-01 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
InGaAs PIN photodiode
G6849 series
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2002 Hamamatsu Photonics K.K.
WAVELENGTH (µm)
2.0
0.5
0
(Typ. Ta=25 ˚C)
0.8
1.0
1.2
1.4
1.6
1.8
1
0.6
WAVELENGTH (µm)
(Typ. Ta=25
˚C)
1.0
1.2
1.4
1.6
1.8
0.8
0
1
-1
2
G6849
G6849-01
100 nA
0.01
0.1
1
10
100
REVERSE VOLTAGE (V)
10 nA
100 pA
10 pA
1 nA
1 µA
(Typ. Ta=25 ˚C)
10 G
-40
-20
0
40
60
80
100
AMBIENT TEMPERATURE (˚C)
1 G
10 M
1 M
100 M
100 G
(Typ. VR=10 mV)
20
G6849
G6849-01
9.1 ± 0.2
8.1 ± 0.1
5.9 ± 0.1
ACTIVE AREA
WINDOW
DETAILS OF
PHOTODIODE
2
b
d
c
a
5.84
3.1 ± 0.6
0.45
LEAD
ANODE a
NC
ANODE b
NC
ANODE c
NC
ANODE d
CATHODE (COMMON)
PHOTOSENSITIVE
SURFACE
DETAILS OF
PHOTODIODE
9.1 ± 0.2
5.84
3.1 ± 0.6
8.1 ± 0.2
5.9 ± 0.2
1
b
d
c
a
0.45
LEAD
ANODE a
NC
ANODE b
NC
ANODE c
NC
ANODE d
CATHODE (COMMON)
PHOTOSENSITIVE
SURFACE
ACTIVE AREA
WINDOW
0.01
0.1
1
REVERSE VOLTAGE (V)
1 nF
10 pF
1 pF
100 pF
10 nF
(Typ. Ta=25 ˚C, f=1 MHz)
10
G6849-01
G6849
Cat. No. KIRD1042E02
Feb. 2002 DN
s Spectral response
KIRDB0002EB
s Photo sensitivity temperature
characteristic
KIRDB0042EA
s Dark current vs. reverse voltage
KMIRB0016EB
s Terminal capacitance vs.
reverse voltage
KMIRB0015EB
s Shunt resistance vs. ambient
temperature
KMIRB0014EA
s Dimensional outlines (unit: mm)
KIRDA0059EA
KIRDA0143EA
G6849
G6849-01
2


Similar Part No. - G6849-01

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G684 GMT-G684 Datasheet
174Kb / 7P
   Microprocessor Reset IC
G684H263T1U GMT-G684H263T1U Datasheet
174Kb / 7P
   Microprocessor Reset IC
G684H293T1U GMT-G684H293T1U Datasheet
174Kb / 7P
   Microprocessor Reset IC
G684H308T1U GMT-G684H308T1U Datasheet
174Kb / 7P
   Microprocessor Reset IC
G684H330T1U GMT-G684H330T1U Datasheet
174Kb / 7P
   Microprocessor Reset IC
More results

Similar Description - G6849-01

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8376 HAMAMATSU-G8376_06 Datasheet
182Kb / 2P
   InGaAs PIN photodiode
G8195 HAMAMATSU-G8195 Datasheet
130Kb / 2P
   InGaAs PIN photodiode
G6742 HAMAMATSU-G6742 Datasheet
336Kb / 2P
   InGaAs PIN photodiode
G8370 HAMAMATSU-G8370 Datasheet
220Kb / 4P
   InGaAs PIN photodiode
G8421 HAMAMATSU-G8421 Datasheet
169Kb / 4P
   InGaAs PIN photodiode
G8941 HAMAMATSU-G8941_04 Datasheet
147Kb / 3P
   InGaAs PIN photodiode
G9906-01 HAMAMATSU-G9906-01 Datasheet
61Kb / 2P
   InGaAs PIN photodiode
G8370-10 HAMAMATSU-G8370-10 Datasheet
122Kb / 2P
   InGaAs PIN photodiode
G8605 HAMAMATSU-G8605 Datasheet
247Kb / 4P
   InGaAs PIN photodiode
G8422 HAMAMATSU-G8422 Datasheet
255Kb / 4P
   InGaAs PIN photodiode
logo
KODENSHI_AUK CORP.
KPPB1-LG125 KODENSHI-KPPB1-LG125 Datasheet
190Kb / 2P
   InGaAs PIN Photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com