Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G1117 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # G1117
Description  GaAsP photodiode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G1117 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  G1117 Datasheet HTML 1Page - Hamamatsu Corporation G1117 Datasheet HTML 2Page - Hamamatsu Corporation G1117 Datasheet HTML 3Page - Hamamatsu Corporation G1117 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
l Low dark current
l High stability
Applications
l Analytical instrument
l Color identification
PHOTODIODE
GaAsP photodiode
Photodiode for visible light detection
Diffusion type
s
General ratings / Absolute maximum ratings
Absolute maximum ratings
Active area
size
Effective
active
area
Reverse
voltage
VR Max.
Operating
temperature
Topr
Storage
temperature
Tstg
Type No.
Dimensional
outline/
Window
material *
Package
(mm)
(mm2)
(V)
(°C)
(°C)
G1115
/K
TO-18
1.3 × 1.3
1.66
G1116
/K
TO-5
2.7 × 2.7
7.26
G1117
/K
TO-8
5.6 × 5.6
29.3
G1118
/R
Ceramic
1.3 × 1.3
1.66
G1120
/R
Ceramic
5.6 × 5.6
29.3
G3067
/L
TO-18
1.3 × 1.3
1.66
G2711-01
/R
Plastic
1.3 × 1.3
1.66
5
-30 to +80
-40 to +85
s
Electrical and optical characteristics (Typ. Ta=25 °C, unless otherwise noted)
Photo sensitivity
S
(A/W)
Spectral
response
range
λ
Peak
sensitivity
wavelength
λp
Short circuit
current
Isc
100 lx
Dark
current
ID
Max.
Temp.
coefficient
of
ID
TCID
Rise time
tr
VR=0 V
RL=1 kΩ
Terminal
capacitance
Ct
VR=0 V
f=10 kHz
Shunt
resistance
Rsh
VR=10 mV
NEP
Type No.
(nm)
(nm)
λp
GaP
LED
560 nm
He-Ne
laser
633 nm
Min.
(µA)
Typ.
(µA)
V4=10 mV
(pA)
V4=1 V
(pA) (times/°C) (µs)
(pF)
Min.
(GΩ)
Typ.
(GΩ)(W/Hz1/2)
G1115
0.12 0.15
1
10
1
300
10
80 1.5 × 10-15
G1116
0.45 0.6 2.5
25
4
1400
4
30 2.5 × 10-15
G1117
22.5
5
50
15
6000
2
15 3.5 × 10-15
G1118
0.12 0.15
1
10
1
300
10
80 1.5 × 10-15
G1120
22.5
5
50
15
6000
2
15 3.5 × 10-15
G3067
0.75 0.95
1
10
1
300
10
80 1.5 × 10-15
G2711-01
300 to 680 640
0.3
0.29 0.29
0.15 0.18
1
10
1.07
1
300
10
80 1.5 × 10-15
* Window material K: borosilicate glass, L: lens type borosilicate glass, R: resin coating


Similar Part No. - G1117

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1117 GMT-G1117 Datasheet
293Kb / 9P
   1A Adjustable Low-Dropout Linear Regulator
logo
List of Unclassifed Man...
G1117 ETC2-G1117 Datasheet
81Kb / 2P
   For Panels .250 (6,4 mm) to .375 (9,5 mm) Thick
logo
Heyco.
G1117 HEYCO-G1117 Datasheet
92Kb / 1P
   Thick Panel Rubber Grommets
logo
Global Mixed-mode Techn...
G1117-15T43U GMT-G1117-15T43U Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
G1117-15T63U GMT-G1117-15T63U Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
More results

Similar Description - G1117

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G5645 HAMAMATSU-G5645 Datasheet
148Kb / 4P
   GaAsP photodiode
G1126-02 HAMAMATSU-G1126-02 Datasheet
170Kb / 4P
   GaAsP photodiode
G1735 HAMAMATSU-G1735 Datasheet
176Kb / 4P
   GaAsP photodiode
G1746 HAMAMATSU-G1746 Datasheet
134Kb / 4P
   GaAsP photodiode
logo
Panasonic Semiconductor
LNG4B4NPY PANASONIC-LNG4B4NPY Datasheet
29Kb / 1P
   4.8 mm GaAsP
logo
OSA Opto Light GmbH
180622 OSA-180622 Datasheet
54Kb / 1P
   GaAsP / GaP LED Chips
logo
BRIGHT LED ELECTRONICS ...
BL-B3134-AA-AV BRIGHT-BL-B3134-AA-AV Datasheet
145Kb / 3P
   Chip material: GaAsP/GaP
BL-B3134-S-AT BRIGHT-BL-B3134-S-AT Datasheet
136Kb / 3P
   Chip material: GaAsP /GaP
logo
List of Unclassifed Man...
TL0143 ETC1-TL0143 Datasheet
277Kb / 1P
   GaAsP ORANGE LIGHT EMISSION
logo
Siemens Semiconductor G...
RP-12C SIEMENS-RP-12C Datasheet
33Kb / 1P
   mask-diffused gaasp led
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com