Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G1126-02 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # G1126-02
Description  GaAsP photodiode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G1126-02 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  G1126-02 Datasheet HTML 1Page - Hamamatsu Corporation G1126-02 Datasheet HTML 2Page - Hamamatsu Corporation G1126-02 Datasheet HTML 3Page - Hamamatsu Corporation G1126-02 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2001 Hamamatsu Photonics K.K.
GaAsP photodiode
G1126-02, G1127-02, G2119
Cat. No. KGPD1005E01
Apr. 2001 DN
➂ G2119
KGPDA0011EA
ANODE
TERMINAL MARK
0.5
LEAD
PHOTOSENSITIVE
SURFACE
16.5 ± 0.2
ACTIVE AREA
15.1 ± 0.3
12.5 ± 0.2


Similar Part No. - G1126-02

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G1120 HAMAMATSU-G1120 Datasheet
172Kb / 4P
   GaAsP photodiode
logo
List of Unclassifed Man...
G1120 ETC2-G1120 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
G1120 ETC2-G1120 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
logo
Heyco.
G1120 HEYCO-G1120 Datasheet
91Kb / 1P
   Rubber Grommets
logo
List of Unclassifed Man...
G1121 ETC2-G1121 Datasheet
81Kb / 2P
   For Panels .250 (6,4 mm) to .375 (9,5 mm) Thick
More results

Similar Description - G1126-02

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G5645 HAMAMATSU-G5645 Datasheet
148Kb / 4P
   GaAsP photodiode
G1735 HAMAMATSU-G1735 Datasheet
176Kb / 4P
   GaAsP photodiode
G1115 HAMAMATSU-G1115 Datasheet
172Kb / 4P
   GaAsP photodiode
G1746 HAMAMATSU-G1746 Datasheet
134Kb / 4P
   GaAsP photodiode
logo
Panasonic Semiconductor
LNG4B4NPY PANASONIC-LNG4B4NPY Datasheet
29Kb / 1P
   4.8 mm GaAsP
logo
OSA Opto Light GmbH
180622 OSA-180622 Datasheet
54Kb / 1P
   GaAsP / GaP LED Chips
logo
BRIGHT LED ELECTRONICS ...
BL-B3134-AA-AV BRIGHT-BL-B3134-AA-AV Datasheet
145Kb / 3P
   Chip material: GaAsP/GaP
BL-B3134-S-AT BRIGHT-BL-B3134-S-AT Datasheet
136Kb / 3P
   Chip material: GaAsP /GaP
logo
List of Unclassifed Man...
TL0143 ETC1-TL0143 Datasheet
277Kb / 1P
   GaAsP ORANGE LIGHT EMISSION
logo
Siemens Semiconductor G...
RP-12C SIEMENS-RP-12C Datasheet
33Kb / 1P
   mask-diffused gaasp led
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com