Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMBT9014 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GMBT9014
Description  N P N E P I T A X I A L T R A N S I S T O R
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GMBT9014 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GMBT9014 Datasheet HTML 1Page - E-Tech Electronics LTD GMBT9014 Datasheet HTML 2Page - E-Tech Electronics LTD GMBT9014 Datasheet HTML 3Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
G
G M
M B
B T
T 99001144
N
N P
P N
N E
E P
P II T
T A
A X
X II A
A LL T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GMBT9014 is designed for general purpose amplifier applications.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
1.90 REF.
B
2.40
2.80
H
1.00
1.30
C
1.40
1.60
K
0.10
0.20
D
0.35
0.50
J
0.40
-
E
0
0.10
L
0.85
1.15
F
0.45
0.55
M
0 C
10 C
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55 ~ +150
Collector to Base Voltage
VCBO
50
V
Collector to Emitter Voltage
VCEO
45
V
Emitter to Base Voltage
VEBO
5
V
Collector Current
IC
100
mA
Total Power Dissipation
PD
225
mW
Characteristics at Ta = 25 ::::
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
50
-
-
V
IC=100uA , IE=0
BVCEO
45
-
-
V
IC=1mA, IB=0
BVEBO
5
-
-
V
IE=100uA, IC=0
ICBO
-
-
50
nA
VCB=50V, IE=0
IEBO
-
-
50
nA
VEB=5V, IC=0
VCE(sat)
-
0.14
0.3
V
IC=100mA, IB=5mA
VBE(sat)
-
0.84
1
V
IC=100mA, IB=5mA
VBE(on)
0.58
0.63
0.7
V
VCE=5V, IC=2mA
hFE
100
280
1000
VCE=5V, IC=1mA
fT
150
270
-
MHz
VCE=5V, IC=10mA
Cob
-
2.20
3.5
pF
VCB=10V, f=1MHz, IE=0
Classification Of hFE
Rank
B
C
D
hFE
100 - 300
200-600
400-1000


Similar Part No. - GMBT9014

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GMBT9014 GTM-GMBT9014 Datasheet
251Kb / 3P
   PNP EPITAXIAL TRANSISTOR
More results

Similar Description - GMBT9014

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GMBT9018 ETL-GMBT9018 Datasheet
231Kb / 2P
   N P N E P I T A X I A L T R A N S I S T O R
GJ8050 ETL-GJ8050 Datasheet
146Kb / 2P
   N P N E P I T A X I A L T R A N S I S T O R
GM8050 ETL-GM8050 Datasheet
226Kb / 2P
   N P N E P I T A X I A L T R A N S I S T O R
GMBT8550L ETL-GMBT8550L Datasheet
229Kb / 2P
   P N P E P I T A X I A L T R A N S I S T O R
GI8050 ETL-GI8050 Datasheet
163Kb / 2P
   N P N E P I T A X I A L T R A N S I S T O R
GMBT9013 ETL-GMBT9013 Datasheet
240Kb / 3P
   N P N E P I T A X I A L T R A N S I S T O R
GSMBT9013 ETL-GSMBT9013 Datasheet
177Kb / 2P
   N P N E P I T A X I A L T R A N S I S T O R
GI8550 ETL-GI8550 Datasheet
182Kb / 2P
   P N P E P I T A X I A L T R A N S I S T O R
GMBT9012 ETL-GMBT9012 Datasheet
223Kb / 2P
   P N P E P I T A X I A L T R A N S I S T O R
GM8550 ETL-GM8550 Datasheet
228Kb / 2P
   P N P E P I T A X I A L T R A N S I S T O R
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com