Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMBD3004-A-C-S Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # GMBD3004-A-C-S
Description  S U R FA C E MO U N T, SWI T C H I NG D I O D E V O LTAG E 3 5 0 V, C U R R E N T 0 . 2 2 5 A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GMBD3004-A-C-S Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  GMBD3004-A-C-S Datasheet HTML 1Page - E-Tech Electronics LTD GMBD3004-A-C-S Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/2
ISSUED DATE :2004/03/23
REVISED DATE :
Characteristics Curve
Important Notice:
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM.
GTM reserves the right to make changes to its products without notice.
GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems.
GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C.
TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785
China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China
TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165


Similar Part No. - GMBD3004-A-C-S

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GMBD3004 GTM-GMBD3004 Datasheet
427Kb / 2P
   SURFACE MOUNT,SWITCHING DIODE
More results

Similar Description - GMBD3004-A-C-S

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GSMBD2004 ETL-GSMBD2004 Datasheet
227Kb / 2P
   S U R FA C E MO U N T, SWI T C H I NG D I O D E V O LTAG E 3 0 0 V, C U R R E N T 0 . 2 2 5 A
GMBD1201-A-C-S ETL-GMBD1201-A-C-S Datasheet
298Kb / 3P
   S U R FA C E MO U N T, SWI T C H I NG D I O D E V O LTAG E 1 0 0 V, C U R R E N T 2 0 0mA
GMBD2004-A-C-S ETL-GMBD2004-A-C-S Datasheet
340Kb / 2P
   S U R FA C E MO U N T, SWI T C H I NG D I O D E V O LTAG E 1 0 0 V, C U R R E N T 2 0 0mA
GSBAT54-A-C-S ETL-GSBAT54-A-C-S Datasheet
343Kb / 2P
   S U R FA C E MO U N T, S C H O T T K Y B A R R I E R D I O D E V O LTAG E 3 0 V, C U R R E N T 2 0 0mA
GDBAT54 ETL-GDBAT54 Datasheet
281Kb / 2P
   S U R FA C E MO U N T, S C H O T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 3 5 0mA
GD103SD ETL-GD103SD Datasheet
197Kb / 2P
   S U R FA C E MO U N T, S C H O T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 3 5 0mA
GDBAS40 ETL-GDBAS40 Datasheet
171Kb / 2P
   S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 0 . 2 A
GDBAS70 ETL-GDBAS70 Datasheet
133Kb / 2P
   S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 0 . 2 A
GSBAS40 ETL-GSBAS40 Datasheet
214Kb / 2P
   S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 0 . 2 A
GSBAS70-A-C-S ETL-GSBAS70-A-C-S Datasheet
175Kb / 2P
   S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 7 0 V, C U R R E N T 7 0mA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com