Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


C9118 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part No. C9118
Description  Driver circuit for photodiode array with amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

   
 2 page
background image
Driver circuit for photodiode array with amplifier
C9118 series
M-CLK
M-RESET
TRIGGER
L-EOS
VIDEO
1
Timing chart of first stage sensor when used singly or in cascade connection
Last stage sensor signal is output when
used in cascade connection.
2
3
14 15 16 17 18 19 20
M-CLK
M-RESET
IN-START
TRIGGER
L-EOS
VIDEO
Timing chart of second and subsequent stage sensors when used in cascade connection
VIDEO signal is output right after EXTSP2 signal input from previous stage
Last stage sensor signal is output when
used in cascade connection
s Block diagram
2
CLK
CN1
+Vcc
+Vp
+Vp
VR1
SW2
CONTROLLER
+Vcc
+Vcc
-
+
+Vcc
SW1
1
1: TOP
2: END
2
+Vcc
S8865 SERIES
RESET
Trig
EOS
EXTSP
Vms
Vg
M-CLK
CN2
M-RESET
TRIGGER
L-EOS
IN-START
GAIN
+5 V
Vdd
GND
Video
GND
VIDEO
GND
Vref
Vp
M-CLK
CN3
C9118-01 ONLY
M-RESET
TRIGGER
L-EOS
EXTSP2
GAIN
+5 V
GND
GND
+Vcc
-
+
-
+
-
+
REF
VIDEO
KACCC0187EA
s Timing chart
KACCC0188EA




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
C9004Driver circuit for Si photodiode array 1 2 Hamamatsu Corporation
UPD17202AGF-0114-BIT SINGLE-CHIP MICROCONTROLLER WITH LCD CONTROLLER/DRIVER AND KEY SCAN CIRCUIT FOR FPC FRONT PANEL CONTROLLER 1 2 3 4 5 MoreNEC
NTE2088Integrated Circuit 4-Segment Darlington Array w/Pre-Driver Stage for use with PMOS and 12V CMOS 1 2 3 NTE Electronics
LA7835Vertical Deflection Output Circuit with Driver for Color TV Use 1 2 3 4 5 Sanyo Semicon Device
LA7836Vertical Deflection Output Circuit with Driver for TV Sets and Monitors 1 2 3 4 5 Sanyo Semicon Device
HD66787528-channel One-chip Driver with 262 144-color Display RAM and Power Supply Circuit for Low-temperature Poli-Si TFT LTPS-TFT Panels with Incorporat 1 2 3 4 5 MoreRenesas Technology Corp
SP8036APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
NTE2087Integrated Circuit 4-Stage Darlington Array w/Pre-Drive Stage for TTL 1 2 NTE Electronics
NJM2267DUAL VIDEO 6dB AMPLIFIER WITH 75OHM DRIVER 1 2 3 4 5 MoreNew Japan Radio
BC847PNNPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl